Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9308PJ-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9308PJ-G
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9308PJ-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV9308PJ-G Datasheet HTML 1Page - Supertex, Inc HV9308PJ-G Datasheet HTML 2Page - Supertex, Inc HV9308PJ-G Datasheet HTML 3Page - Supertex, Inc HV9308PJ-G Datasheet HTML 4Page - Supertex, Inc HV9308PJ-G Datasheet HTML 5Page - Supertex, Inc HV9308PJ-G Datasheet HTML 6Page - Supertex, Inc HV9308PJ-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9308
B072213
HV9308
Pin
Function
Description
26
Latch Enable
Latch enable input.
When LE is high, shift register data is transferred into a data latch. When LE is low, data is
latched, and new data can be clocked into the shift register.
27
Data In
Serial data input.
Data needs to be present before each rising edge of the clock.
28
Output Enable
Output enable input.
When OE is low, all HV outputs are forced into a low state, regardless of data in each
channel. When OE is high, all HV outputs reflect data latched.
29
N/C
No connect.
30
HV
OUT32
High voltage outputs.
High voltage push-pull outputs, which, depending on controlling low voltage data, can drive
loads either to a GND, or to V
PP rail levels.
31
HV
OUT31
32
HV
OUT30
33
HV
OUT29
34
HV
OUT28
35
HV
OUT27
36
HV
OUT26
37
HV
OUT25
38
HV
OUT24
39
HV
OUT23
40
HV
OUT22
41
HV
OUT21
42
HV
OUT20
43
HV
OUT19
44
HV
OUT18


Similar Part No. - HV9308PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9308PJ SUTEX-HV9308PJ Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308PJ SUTEX-HV9308PJ Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV9308PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com