Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8192A Datasheet(PDF) 7 Page - Keysight Technologies

Part # M8192A
Description  Multi-Channel Synchronization Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M8192A Datasheet(HTML) 7 Page - Keysight Technologies

  M8192A Datasheet HTML 1Page - Keysight Technologies M8192A Datasheet HTML 2Page - Keysight Technologies M8192A Datasheet HTML 3Page - Keysight Technologies M8192A Datasheet HTML 4Page - Keysight Technologies M8192A Datasheet HTML 5Page - Keysight Technologies M8192A Datasheet HTML 6Page - Keysight Technologies M8192A Datasheet HTML 7Page - Keysight Technologies M8192A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
07 | Keysight | M8192A Multi-Channel Synchronization Module for M8190A AWG - Data Sheet
Definitions
Specification (spec)
The warranted performance of a calibrated instrument that has been stored for a minimum of 2 hours within
the operating temperature range of 0 °C to 40 °C and after a 45-minute warm up period. Within ± 10 °C after
autocal. All specifications include measurement uncertainty and were created in compliance with ISO-17025
methods. Data published in this document are specifications (spec) only where specifically indicated.
Typical (typ)
The characteristic performance, which 80% or more of manufactured instruments will meet. This data is not war-
ranted, does not include measurement uncertainty, and is valid only at room temperature (approximately 23 °C).
Nominal (nom)
The mean or average characteristic performance, or the value of an attribute that is determined by design such
as a connector type, physical dimension, or operating speed. This data is not warranted and is measured at
room temperature (approximately 23 °C).
Measured (meas)
An attribute measured during development for purposes of communicating the expected performance. This
data is not warranted and is measured at room temperature (approximately 23 °C).
Accuracy
Represents the traceable accuracy of a specified parameter. Includes measurement error and timebase error,
and calibration source uncertainty.
Software
Operating systems
Supported operating system is
– Microsoft Windows XP 32 bit
– Microsoft Windows Vista 32 bit
– Microsoft Windows Vista 64 bit
– Microsoft Windows 7 32 bit
– Microsoft Windows 7 64 bit
Soft front panel
A graphical user interface (GUI or soft front panel) is offered to control all functionality to the instrument. It
contains screens for controlling clock, outputs, marker, trigger, sequencer, importing waveforms and creating
standard waveforms.
SCPI language
Remote control via SCPI
IVI-driver
An IVI-COM driver as well as IVI-C driver will be provided
LabView-driver
A LabView driver will be provided


Similar Part No. - M8192A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
M819 MOSPEC-M819 Datasheet
144Kb / 2P
   POWER RECTIFIERS(1.0A,500-1000V)
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
M8195A KEYSIGHT-M8195A Datasheet
3Mb / 22P
   M8195A 65 GSa/s Arbitrary Waveform Generator and M8197A Multi-Channel Synchronization Module
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
logo
Amphenol Corporation
M81969 AMPHENOL-M81969 Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
More results

Similar Description - M8192A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M8197A KEYSIGHT-M8197A Datasheet
3Mb / 22P
   Multi-Channel Synchronization Module
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
Keysight Technologies
M8195A KEYSIGHT-M8195A Datasheet
3Mb / 22P
   M8195A 65 GSa/s Arbitrary Waveform Generator and M8197A Multi-Channel Synchronization Module
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Shanghai awinic technol...
AW2028H AWINIC-AW2028H Datasheet
1Mb / 39P
   3 channel LED Driver with Audio Synchronization
logo
Analog Devices
AD9144 AD-AD9144 Datasheet
1Mb / 126P
   Multiple chip synchronization
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com