Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8324EB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8324EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments ADS8324EB Datasheet HTML 10Page - Texas Instruments ADS8324EB Datasheet HTML 11Page - Texas Instruments ADS8324EB Datasheet HTML 12Page - Texas Instruments ADS8324EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ADS8324
9
SBAS172A
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
4.5
5.0
Clk Cycles
tCONV
Conversion Time
16
Clk Cycles
tCYC
Throughput Rate
50
kHz
tCSD
CS Falling to
0
ns
DCLOCK LOW
tSUCS
CS Falling to
50
ns
DCLOCK Rising
thDO
DCLOCK Falling to
5
20
ns
Current DOUT Not Valid
tdDO
DCLOCK Falling to Next
100
250
ns
DOUT Valid
tdis
CS Rising to DOUT Tri-State
50
100
ns
ten
DCLOCK Falling to DOUT
100
200
ns
Enabled
tf
DOUT Fall Time
50
150
ns
tr
DOUT Rise Time
75
200
ns
FIGURE 5. ADS8324 Basic Timing Diagrams.
DIGITAL INTERFACE
SIGNAL LEVELS
The CMOS digital output (DOUT) will swing from 0V to
VCC. If VCC is 3V, and this output is connected to a 5V
CMOS logic input, then that IC may require more supply
current than normal and may have a slightly longer propaga-
tion delay.
SERIAL INTERFACE
The ADS8324 communicates with microprocessors and
other digital systems via a synchronous 3-wire serial inter-
face, as shown in Figure 5 and Table I. The DCLOCK signal
synchronizes the data transfer with each bit being transmit-
ted on the falling edge of DCLOCK. Most receiving systems
will capture the bitstream on the rising edge of DCLOCK.
However, if the minimum hold time for DOUT is acceptable,
the system can use the falling edge of DCLOCK to
capture each bit.
A falling CS signal initiates the conversion and data transfer.
The first 4.5 to 5.0 clock periods of the conversion cycle are
used to sample the input signal. After the fifth falling
DCLOCK edge, DOUT is enabled and will output a LOW
value for one clock period. For the next 16 DCLOCK
periods, DOUT will output the conversion result, most sig-
nificant bit first followed by two zeros on clock cycles 15
and 16. After the two zero “dummy bits” have been output,
subsequent clocks will repeat the output data but in a least
significant bit first format starting with a zero.
CS must be taken HIGH following a conversion in order to
place DOUT in tri-state. Subsequent clocks will have no
effect on the converter. A new conversion is initiated only
when CS has been taken HIGH and returned LOW.
DATA FORMAT
The output data from the ADS8324 is in Binary Two’s
Complement format, as shown in Table II. This table repre-
sents the ideal output code for the given input voltage and
does not include the effects of offset, gain error, or noise.
TABLE I. Timing Specifications (VCC = 1.8V) –40°C to
+85
°C.
See Figure 6 for test conditions.
CS/SHDN
D
OUT
DCLOCK
Complete Cycle
Power Down
Conversion
Sample
Use positive clock edge for data transfer
t
SUCS
t
CONV
t
SMPL
NOTE: Minimum 22 clock cycles required for 14-bit conversion. Shown are 24 clock cycles.
If CS remains LOW at the end of conversion, a new datastream with LSB-first is shifted out again.
B13
(MSB)
B12 B11 B10 B9
B8
B7
B6
B0
(LSB)
00
B5
B4
B3
B1
B2
Hi-Z
0
Hi-Z
t
CSD
DESCRIPTION
ANALOG VALUE
Full-Scale Range
2 • VREF
Least Significant
2 • VREF/16384
Bit (LSB)
BINARY CODE
HEX CODE
+Full Scale
+VREF – 1 LSB
0111 1111 1111 1100
7FFC
Midscale
0V
0000 0000 0000 0000
0000
Midscale – 1LSB
0V – 1 LSB
1111 1111 1111 1100
FFFC
–Full Scale
–VREF
1000 0000 0000 0000
8000
DIGITAL OUTPUT
BINARY TWO’S COMPLEMENT
TABLE II. Ideal Input Voltages and Output Codes.


Similar Part No. - ADS8324EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324EB TI1-ADS8324EB Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250 TI1-ADS8324EB/250 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250G4 TI1-ADS8324EB/250G4 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/2K5 TI1-ADS8324EB/2K5 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/2K5G4 TI1-ADS8324EB/2K5G4 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8324EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com