Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8324EB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8324EB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments ADS8324EB Datasheet HTML 10Page - Texas Instruments ADS8324EB Datasheet HTML 11Page - Texas Instruments ADS8324EB Datasheet HTML 12Page - Texas Instruments ADS8324EB Datasheet HTML 13Page - Texas Instruments ADS8324EB Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADS8324
11
SBAS172A
www.ti.com
Figure 7 shows the current consumption of the ADS8324
versus sample rate. For this graph, the converter is clocked
at 1.2MHz regardless of the sample rate—CS is HIGH for
the remaining sample period. Figure 8 also shows current
consumption versus sample rate. However, in this case, the
DCLOCK period is 1/24th of the sample period—CS is
HIGH for one DCLOCK cycle out of every 16.
There is an important distinction between the power-down
mode that is entered after a conversion is complete and the
full power-down mode that is enabled when CS is HIGH. CS
LOW will shut down only the analog section. The digital
section is completely shutdown only when CS is HIGH.
Thus, if CS is left LOW at the end of a conversion and the
converter is continually clocked, the power consumption
will not be as low as when CS is HIGH, shown in Figure 9.
FIGURE 7. Maintaining fCLK at the Highest Possible Rate
Allows Supply Current to Drop Linearly with
Sample Rate.
FIGURE 8. Scaling fCLK Reduces Supply Current Only
Slightly with Sample Rate.
FIGURE 9. Shutdown Current with CS HIGH is 50nA
Typically, Regardless of the Clock. Shutdown
Current with CS LOW Varies with Sample
Rate.
LAYOUT
For optimum performance, care should be taken with the
physical layout of the ADS8324 circuitry. This will be
particularly true if the reference voltage is low and/or the
conversion rate is high. At a 50kHz conversion rate, the
ADS8324 makes a bit decision every 213ns. That is, for each
subsequent bit decision, the digital output must be updated
with the results of the last bit decision, the capacitor array
appropriately switched and charged, and the input to the
comparator settled to a 14-bit level all within one clock
cycle.
The basic SAR architecture is sensitive to spikes on the
power supply, reference, and ground connections that occur
just prior to latching the comparator output. Thus, during
any single conversion for an n-bit SAR converter, there are
n “windows” in which large external transient voltages can
easily affect the conversion result. Such spikes might origi-
nate from switching power supplies, digital logic, and high
power devices, to name a few. This particular source of error
can be very difficult to track down if the glitch is almost
synchronous to the converter’s DCLOCK signal—as the
phase difference between the two changes with time and
temperature, causing sporadic misoperation.
With this in mind, power to the ADS8324 should be clean
and well bypassed. A 0.1
µF ceramic bypass capacitor should
be placed as close to the ADS8324 package as possible. In
addition, a 1
µF to 10µF capacitor and a 5Ω or 10Ω series
resistor may be used to low-pass filter a noisy supply.
The reference should be similarly bypassed with a 0.1
µF
capacitor. Again, a series resistor and large capacitor can be
used to low-pass filter the reference voltage. If the reference
voltage originates from an op amp, be careful that the op
10000
1000
100
10
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 1.8V
V
REF = 0.9V
f
CLK = 2.4MHz
10000
1000
100
10
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 1.8V
V
REF = 0.9V
f
CLK = 24 • fSAMPLE
10000
1000
800
600
400
200
0.250
0.00
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 1.8V
V
REF = 0.9V
f
CLK = 24 • fSAMPLE
CS LOW (GND)
CS HIGH (V
CC)


Similar Part No. - ADS8324EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324EB TI1-ADS8324EB Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250 TI1-ADS8324EB/250 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/250G4 TI1-ADS8324EB/250G4 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/2K5 TI1-ADS8324EB/2K5 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324EB/2K5G4 TI1-ADS8324EB/2K5G4 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8324EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com