Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q426 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q426
Description  8-bit Microcontroller with a Built-in LCD driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q426 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q426 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FEDL610Q426-01
Issue Date: Mar. 17, 2015
ML610Q426/ ML610426
8-bit Microcontroller with a Built-in LCD driver
1/34
GENERAL DESCRIPTION
This LSI is a high performance CMOS 8-bit microcontroller equipped with an 8-bit CPU nX-U8/100 and integrated with
peripheral functions such as the synchronous serial port, UART, melody driver, RC oscillation type A/D converter, and LCD
driver.
The CPU nX-U8/100 is capable of efficient instruction execution in 1-instruction 1-clock mode by 3-stage pipe line architecture
parallel procesing. Additionally, it adopts the low-/high-speed dual clock system, standby mode, and process that prohibits leak
current at high temperatures, and is most suitable for battery-driven applications.
Flash version can rewrite programs on-board, which can contribute to reduction in product development TAT. The flash
memory incorporated into this Flash version implements the mask ROM-equivalent low-voltage operation and low-power
consumption, enabling volume production by the Flash version.
FEATURES
• CPU
− 8-bit RISC CPU (CPU name: nX-U8/100)
− Instruction system: 16-bit instructions
− Instruction set: Transfer, arithmetic operations, comparison, logic operations, multiplication/division, bit manipulations,
bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic shift, and so on
− On-Chip debug function
− Minimum instruction execution time
30.5
µs (@32.768 kHz system clock)
1.0
µs (@1 MHz system clock)
• Internal memory
ML610Q426 :
− Internal 40KByte Flash ROM (20K×16 bits) (including unusable 1KByte TEST area)
− Internal 2KByte Data RAM (2048×8 bits)
− Internal 124-byte RAM for display
ML610426 :
− Internal 40KByte MASK ROM (20K×16 bits) (including unusable 1KByte TEST area)
− Internal 2KByte Data RAM (2048×8 bits)
− Internal 124-byte RAM for display
• Interrupt controller
ML610426, ML610Q426 :
− 1 non-maskable interrupt sources (Internal source: 1)
− 24 maskable interrupt sources (Internal sources: 19, External sources: 5) : ML610426/ML610Q426
− 27 maskable interrupt sources (Internal sources: 19, External sources: 8) : ML610Q426C
• Time base counter
− Low-speed time base counter ×1 channel
Frequency compensation (Compensation range: Approx.
−488ppm to +488ppm.
Compensation accuracy: Approx. 0.48ppm)
− High-speed time base counter ×1 channel


Similar Part No. - ML610Q426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q421 LAPIS-ML610Q421 Datasheet
792Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q422 ETC2-ML610Q422 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q422 ETC2-ML610Q422 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com