Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q426 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q426
Description  8-bit Microcontroller with a Built-in LCD driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q426 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q426 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q426 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
FEDL610Q426-01
ML610Q426/426
3/34
• LCD driver
− Number of segments (*) and duty
ML610Q426/426: Up to 800 dots (select among 50seg x 16com, 51seg x 15com, 52seg x 14com, 53seg x 13com, 54seg x
12com, 55seg x 11com, 56seg x 10com, 57seg x 9com, 58seg x 8com, 59seg x 7com, 60seg x 6com, 61seg x
5com, and 62seg x 4com), 1/1 to 1/16 duty
ML610Q426C: Up to 672 dots (select among 42seg x 16com, 43seg x 15com, 44seg x 14com, 45seg x 13com, 46seg x
12com, 47seg x 11com, 48seg x 10com, 49seg x 9com, 50seg x 8com, 51seg x 7com, 52seg x 6com, 53seg x
5com, and 54seg x 4com), 1/1 to 1/16 duty
− 1/2, 1/3, 1/4 bias (built-in bias generation circuit)
− 1/1 bias (LED mode)
− Frame frequency selecable: approx. 64Hz, 73Hz, 85Hz, and 102Hz
− Bias voltage multiplying clock selectable (8 types)
− Contrast adjustment (1/1 bias, 1/2 bias, 1/3 bias: 16 steps, 1/4 bias: 10 steps)
− LCD drive stop mode, LCD display mode, all LCDs on mode, and all LCDs off mode selectable
(*) 8 segment pins are changed to general purpose port by mask option
.
• EL driver
− pumping clock signal and discharge pulse signal output for the back light of LCD pannel and minimum external
components
• Reset
− Reset by the RESET_N pin
− Reset by power-on detection
− Reset by the watchdog timer (WDT) 2nd overflow
• Power supply voltage detect function
− Judgment voltages: One of 16 levels
− Judgment accuracy: ±2% (Typ.)
− Input channels: Operating voltage(V
DD) or 1 external input
• Clock
− Low-speed clock: (This LSI can not guarantee the operation withoug low-speed clock)
Crystal oscillation (32.768 kHz)
− High-speed clock:
Built-in RC oscillation (1MHz)
• Power management
− HALT mode: Instruction execution by CPU is suspended (peripheral circuits are in operating states).
− STOP mode: Stop of low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
− Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, or 1/8 of the oscillation
clock)
− Block Control Function: Power down (reset registers and stop clock supply) the circuits of unused peripherals.
• Guaranteed operating range
− Operating temperature: −20°C to 70°C
− Operating voltage: V
DD = 1.1V to 3.6V


Similar Part No. - ML610Q426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q421 LAPIS-ML610Q421 Datasheet
792Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q422 ETC2-ML610Q422 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q422 ETC2-ML610Q422 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com