Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q503H Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q503H
Description  Ultra Low Power 16-bit Microcontrolle
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q503H Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q503H Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q503H Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
FEDL620Q504H-01
ML620Q503H/Q504H
3/35
• Successive approximation type A/D converter (SA-ADC)
− Input × 12 channels
− 12-bit A/D converter
− Starting by trigger of Timer/FTM function.
− Capacitive touch sense function
• Analog Comparator (CMP)
− Input × 2ch
− Common mode input voltage: 0.2V to V
DD-0.2V
− Input offset voltage: 30mV(max)
− Interrupt allow edge selection and sampling selection are selectable
• Voltage Level Supervisor (VLS)
− Threshold voltages: selectable from 13 levels
− interrupt or reset generate are selectable
• Low Level Detector(LLD)
− Judgement Voltage: 1.8V±0.2V
− Usable as low level detection reset
• Reset
− Reset by the RESET_N pin
− Reset by power-on detection
− Reset by overflow of watchdog timer (WDT)
− Reset by Voltage Leve Supervisor(VLS)
− Reset by Low Level Detector(LLD)
• Clock
− Low-speed clock: (This LSI can not guarantee the operation without low-speed clock)
− Crystal oscillation (32.768 kHz)
− External clock input (30kHz to 36kHz)
− Built-in RC oscillation (32.768kHz)
− High-speed clock:
− Crystal/Ceramic oscillation (16 MHz)
− External clock input (300kHz to 16 MHz)
− Built-in RC oscillation (16MHz)
• Power management
− HALT mode: Instruction execution by CPU is suspended. All peripheral circuits can keep in operating
states.
− HALT-H mode: Instruction execution by CPU is suspended. Stop of high-speed oscillation automatically.
All peripheral circuits can keep in operating states.
− DEEP-HALT mode: Instruction execution by CPU is suspended. Some peripheral circuits(Timer, LTB,
etc.) can keep in operating states.
− STOP mode: Stop of low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral
circuits are stopped.)
− Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4,
1/8,1/16,1/32 of the oscillation clock)
− Block Control Function: Power down (reset registers and stop clock supply) the circuits of unused
peripherals.


Similar Part No. - ML620Q503H

ManufacturerPart #DatasheetDescription
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
More results

Similar Description - ML620Q503H

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90925 FUJITSU-MB90925 Datasheet
932Kb / 63P
   16-bit Microcontrolle
MB89940 FUJITSU-MB89940 Datasheet
357Kb / 38P
   8-bit Proprietary Microcontrolle
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Texas Instruments
ADS1118 TI1-ADS1118_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com