Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7074-004 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7074-004
Description  VoIP CODEC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7074-004 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7074-004 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7074-004 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
FEDL7074-003-01
ML7074-004
4/98
PIN DESCRIPTIONS
Pin
No.
Symbol
I/O PDNB = “0”
Description
1
TST1
I
“0”
Test control input 1: Normally input “0”.
2
TST0
I
“0”
Test control input 0: Normally input “0”.
3
PCMO
O
“Hi-z”
PCM data output
4
PCMI
I
I
PCM data input
I
CLKSEL = “0”
PCM shift clock input
5
BCLK
I/O
“L”
CLKSEL = “1”
PCM shift clock output
I
CLKSEL = “0”
PCM sync signal 8 kHz input
6
SYNC
I/O
“L”
CLKSEL = “1”
PCM sync signal 8 kHz output
7
DVDD0
Digital power supply
8
ACK0B
I
I
Transmit buffer DMA access acknowledge signal input
9
ACK1B
I
I
Receive buffer DMA access acknowledge signal input
10
FR0B
(DMARQ0B)
O“H”
FR0B: (CR11-B7 = “0”)
Transmit buffer frame signal output
DMARQ0B: (CR11-B7 = “1”)
Transmit buffer DMA access request signal output
11
FR1B
(DMARQ1B)
O“H”
FR1B: (CR11-B7 = “0”)
Receive buffer frame signal output
DMARQ1B: (CR11-B7 = “1”)
Receive buffer DMA access request signal output
12
INTB
O
“H”
Interrupt request output
“L” level is output for about 1.0
s when an interrupt is generated.
13
CSB
I
I
Chip select control input
14
RDB
I
I
Read control input
15
WRB
I
I
Write control input
16
DGND0
I
Digital ground (0.0 V)
17
D0
I/O
I
Data input/output
18
D1
I/O
I
Data input/output
19
D2
I/O
I
Data input/output
20
D3
I/O
I
Data input/output
21
D4
I/O
I
Data input/output
22
D5
I/O
I
Data input/output
23
D6
I/O
I
Data input/output
24
D7
I/O
I
Data input/output
25
D8
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
26
D9
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
27
D10
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
28
D11
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
29
D12
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
30
D13
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
31
D14
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).
32
D15
I/O
I
Data input/output
Fix to input state when using in 8-bit bus access (CR11-B5 = “1”).


Similar Part No. - ML7074-004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7074-004 OKI-ML7074-004 Datasheet
304Kb / 29P
   VoIP CODEC
ML7074-004GA OKI-ML7074-004GA Datasheet
304Kb / 29P
   VoIP CODEC
More results

Similar Description - ML7074-004

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
   VoIP CODEC
ML7074-004 OKI-ML7074-004 Datasheet
304Kb / 29P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
   VoIP CODEC
logo
OKI electronic componet...
ML7074-003 OKI-ML7074-003 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7074-003 LAPIS-ML7074-003 Datasheet
660Kb / 93P
   VoIP CODEC
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
[Old version datasheet]   DUAL VOIP CODEC
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
   The ML7204-001 is a speech CODEC for VoIP.
logo
Level One
VOI-7000 LVL1-VOI-7000 Datasheet
222Kb / 3P
   SIP VoIP Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com