Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD1-0315D10AX Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RD1-0315D10AX
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD1-0315D10AX Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RD1-0315D10AX Datasheet HTML 1Page - RSG Electronic Components GmbH RD1-0315D10AX Datasheet HTML 2Page - RSG Electronic Components GmbH RD1-0315D10AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (3)
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
C3
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5.Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
6. Input filter components are be required to help meet conducted emission class B,
which application refer to the EMI Filter of design & feature configuration.
7. An external filter capacitor is required if the module has to meet
IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 470uF/100V.
L
Load
C1
C2
5 Models
12 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
C1
L
C2
C3
RD1-03XXD10AX
1210, 2.2uF/100V
18uH
RD1-05XXD10AX
1210, 2.2uF/100V
18uH
RD1-12XXD10AX
1210, 2.2uF/100V
18uH
RD1-15XXD10AX
1210, 2.2uF/100V
18uH
RD1-24XXD10AX
1210, 2.2uF/100V
18uH
1210, 2.2uF/100V
1206, 470pF/2KV
RD1-48XXD10AX
Electrolytic capacitor,
10uF/100V
18uH
1210, 2.2uF/100V
1206, 470pF/2KV
LOADING VS OUTPUT VOLTAGE
19
16
Lo L./Iin
Nominal/Iin
Hi L./Iin
13
10
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Load
LOADING VS OUTPUT VOLTAGE
19
16
Lo L./Iin
Nominal/Iin
Hi L./Iin
13
10
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Load
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
C3
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5.Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
6. Input filter components are be required to help meet conducted emission class B,
which application refer to the EMI Filter of design & feature configuration.
7. An external filter capacitor is required if the module has to meet
IEC61000-4-4 and IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 470uF/100V.
L
Load
C1
C2
5 Models
12 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
C1
L
C2
C3
RD1-03XXD10AX
1210, 2.2uF/100V
18uH
RD1-05XXD10AX
1210, 2.2uF/100V
18uH
RD1-12XXD10AX
1210, 2.2uF/100V
18uH
RD1-15XXD10AX
1210, 2.2uF/100V
18uH
RD1-24XXD10AX
1210, 2.2uF/100V
18uH
1210, 2.2uF/100V
1206, 470pF/2KV
RD1-48XXD10AX
Electrolytic capacitor,
10uF/100V
18uH
1210, 2.2uF/100V
1206, 470pF/2KV
LOADING VS OUTPUT VOLTAGE
19
16
Lo L./Iin
Nominal/Iin
Hi L./Iin
13
10
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Load
LOADING VS OUTPUT VOLTAGE
19
16
Lo L./Iin
Nominal/Iin
Hi L./Iin
13
10
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Load
RD1-XXXXD10A1
DC/DC-Converter
1.0W Unregulated
Dual Output
we energize electronics!
an acal group company
we energize electronics!
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RD1-0315D10AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-0315S02AX RSG-RD1-0315S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0315S05A1 RSG-RD1-0315S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0315S05A3 RSG-RD1-0315S05A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0315S05AX RSG-RD1-0315S05AX Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0315S10A1 RSG-RD1-0315S10A1 Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RD1-0315D10AX

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com