Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5384 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD5384
Description  107 DB 24 BIT 96KHZ 4 CHANNEL ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5384 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD5384 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5384 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ASAHI KASEI
[AK5384]
MS0225-E-00
2003/05
- 5 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=TVDD=5.0V; AVSS=DVSS=0V; fs=48kHz, 96kHz; I/F format=Mode 0;
Signal Frequency=1kHz; Measurement frequency=20Hz
∼ 20kHz at fs=48kHz, 40Hz ∼ 40kHz at fs=96kHz;
unless otherwise specified)
Parameter
min
typ
max
Units
ADC Analog Input Characteristics:
Resolution
24
Bits
S/(N+D)
(
−1dBFS)
fs=48kHz
fs=96kHz
88
82
100
94
dB
dB
DR
(
−60dBFS)
fs=48kHz, A-weighted
fs=96kHz
100
94
107
102
dB
dB
S/N
fs=48kHz, A-weighted
fs=96kHz
100
94
107
102
dB
dB
Interchannel Isolation
90
110
dB
DC Accuracy:
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
100
150
ppm/
°C
Input Voltage
(Note 4)
±2.7
±2.9
±3.1
Vpp
Input Resistance
18
11
26
16
k
k
Power Supply Rejection
(Note 5)
50
-
dB
Power Supplies
Power Supply Current (AVDD+DVDD+TVDD)
Normal Operation (PDN pin = “H”, fs=48kHz)
(Note 6)
Normal Operation (PDN pin = “H”, fs=96kHz)
(Note 6)
Power-down mode (PDN pin = “L”)
(Note 7)
43
55
10
65
83
100
mA
mA
µA
Note 4. This value is the full scale (0dB) of the input voltage. This voltage is input to LIN(RIN)+ and LIN(RIN)
− pin,
and is proportional to AVDD. (Vin = 0.58
× AVDD)
Note 5. PSR is applied to AVDD, DVDD and TVDD with 1kHz, 50mVpp.
Note 6. AVDD=28mA; DVDD=15mA@48kHz&5V, DVDD=26mA@96kHz&5V(typ).
Note 7. All digital input pins are fixed to DVDD or DVSS.


Similar Part No. - AKD5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results

Similar Description - AKD5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com