Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR4-2402D10A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-2402D10A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-2402D10A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-2402D10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-2402D10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-2402D10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR4-2402D10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VD - 10W 2:1 Regulated Single & Dual output
2
1. Operation between no-load and 10% load conditions will not damage the module, but it may not meet all specifications listed.
2. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
3. Measured with 20MHz bandwidth and 1.0uF ceramic capacitor.
4. Tested by minimal Vin and constant resistive load.
5. Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
6. Measured Input reflected ripple current with a simulated source inductance of 12uH.
7. Exceeding the absolute ratings of the unit could cause damage.
It is not allowed for continuous operating.
8. Input filter components (C1, L) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
9. An external filter capacitor is required if the module has to meet EN61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
+Vout
+Vin
L
C1
DC/DC
Converter
Load
-Vin
-Vout
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(RR4c)
INPUT Current
OUTPUT
Voltage
(RR4c
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR4-1202S10A1
9-18
10
791
2.5
0
3000
81
2200
RR4-1203S10A1
9-18
10
1006
3.3
0
3000
84
2200
RR4-1205S10A1
9-18
10
992
5
0
2000
86
2200
RR4-1212S10A1
9-18
10
980
12
0
833
87
820
RR4-1215S10A1
9-18
10
958
15
0
667
89
470
RR4-1212D10A1
9-18
10
980
12
0
416
87
220
RR4-1215D10A1
9-18
10
969
15
0
333
88
150
RR4-2402S10A1
18-36
10
381
2.5
0
3000
84
2200
RR4-2403S10A1
18-36
10
497
3.3
0
3000
85
2200
RR4-2405S10A1
18-36
10
479
5
0
2000
89
2200
RR4-2412S10A1
18-36
10
485
12
0
833
88
820
RR4-2415S10A1
18-36
10
485
15
0
667
88
470
RR4-2412D10A1
18-36
10
485
12
0
416
88
220
RR4-2415D10A1
18-36
10
474
15
0
333
90
150
RR4-4802S10A1
36-75
10
191
2.5
0
3000
84
2200
RR4-4803S10A1
36-75
10
249
3.3
0
3000
85
2200
RR4-4805S10A1
36-75
10
242
5
0
2000
88
2200
RR4-4812S10A1
36-75
10
245
12
0
833
87
820
RR4-4815S10A1
36-75
10
242
15
0
667
88
470
RR4-4812D10A1
36-75
10
245
12
0
416
87
220
RR4-4815D10A1
36-75
10
245
15
0
333
87
150
C1
L
RR4-12XXXXX 100uF, 100V
12uH
RR4-24XXXXX 100uF, 100V
12uH
RR4-48XXXXX 100uF, 100V
12uH
PART NUMBER STRUCTURE
VD - 24 12
Series Name
10
Watt
Input Voltage Range
12 - 9 ~ 18 V
24 - 18 ~ 36 V
Output Type
48 - 36 ~ 75 V
S - Single output
D - Dual Output
Nominal Output Voltage
2R5 - 2.5V
3R3 - 3.3V
5 - 5V
12 - 12V
15 - 15V
S
Derating Curve
100%
75%
50%
S.O.A.
25%
-40
-20
0
20
40
60
80 85 100
120
AMBIENT TEMPERATURE(°
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
10.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page2(4)
NOTE
RR4 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X
Code
internal
Isolation
(kVDC)


Similar Part No. - RR4-2402D10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-2402S10A1 RSG-RR4-2402S10A1 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
More results

Similar Description - RR4-2402D10A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com