Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR2-1212D06A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR2-1212D06A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR2-1212D06A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR2-1212D06A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR2-1212D06A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR2-1212D06A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR2-1212D06A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR2 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR2-1205S06AX
9-18
20
735
5
300
1200
68
2200
RR2-1209S06AX
9-18
20
694
9
167
666
72
470
RR2-1212S06AX
9-18
20
676
12
125
500
74
470
RR2-1215S06AX
9-18
20
633
15
100
400
79
470
RR2-1224S06AX
9-18
20
658
24
63
250
76
220
RR2-1205D06AX
9-18
20
649
±
5
150
600
78
±
1000
RR2-1209D06AX
9-18
20
641
±
9
83
333
78
±
220
RR2-1212D06AX
9-18
20
641
±
12
63
250
78
±
220
RR2-1215D06AX
9-18
20
625
±
15
50
200
80
±
220
RR2-1224D06AX
9-18
20
641
±
24
31
125
78
±
100
RR2-2405S06AX
18-36
12
329
5
300
1200
76
2200
RR2-2409S06AX
18-36
12
312
9
167
666
80
470
RR2-2412S06AX
18-36
12
312
12
125
500
80
470
RR2-2415S06AX
18-36
12
308
15
100
400
81
470
RR2-2424S06AX
18-36
12
325
24
63
250
77
220
RR2-2405D06AX
18-36
12
329
±
5
150
600
76
±
1000
RR2-2409D06AX
18-36
12
325
±
9
83
333
77
±
220
RR2-2412D06AX
18-36
12
312
±
12
63
250
80
±
220
RR2-2415D06AX
18-36
12
312
±
15
50
200
80
±
220
RR2-2424D06AX
18-36
12
321
±
24
31
125
78
±
100
RR2-4805S06AX
36-72
8
169
5
300
1200
74
2200
RR2-4809S06AX
36-72
8
162
9
167
666
77
470
RR2-4812S06AX
36-72
8
162
12
125
500
77
470
RR2-4815S06AX
36-72
8
158
15
100
400
79
470
RR2-4824S06AX
36-72
8
167
24
63
250
75
220
RR2-4805D06AX
36-72
8
169
±
5
150
600
74
±
1000
RR2-4809D06AX
36-72
8
164
±
9
83
333
76
±
220
RR2-4812D06AX
36-72
8
164
±
12
63
250
76
±
220
RR2-4815D06AX
36-72
8
160
±
15
50
200
78
±
220
RR2-4824D06AX
36-72
8
162
±
24
31
125
77
±
100
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
DC/DC-Converter
6.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR2-1212D06A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-1212D02A1 RSG-RR2-1212D02A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-1212D02A3 RSG-RR2-1212D02A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-1212D03A1 RSG-RR2-1212D03A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-1212D03A3 RSG-RR2-1212D03A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-1212D03AX RSG-RR2-1212D03AX Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
More results

Similar Description - RR2-1212D06A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com