Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV859 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV859
Description  High Voltage EL Lamp Driver for Low Noise Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV859 Datasheet(HTML) 8 Page - Supertex, Inc

  HV859_13 Datasheet HTML 1Page - Supertex, Inc HV859_13 Datasheet HTML 2Page - Supertex, Inc HV859_13 Datasheet HTML 3Page - Supertex, Inc HV859_13 Datasheet HTML 4Page - Supertex, Inc HV859_13 Datasheet HTML 5Page - Supertex, Inc HV859_13 Datasheet HTML 6Page - Supertex, Inc HV859_13 Datasheet HTML 7Page - Supertex, Inc HV859_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
HV859
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV859
C073013
8-Lead MSOP Package Outline (MG)
3.00x3.00mm body, 1.10mm height (max), 0.65mm pitch
View B
View A-A
Seating
Plane
Gauge
Plane
L
L1
L2
View B
θ1
θ
1
8
E
E1
D
e
b
A A2
A1
Seating
Plane
A
A
Top View
Side View
Note 1
(Index Area
D/2 x E1/2)
Symbol
A
A1
A2
b
D
E
E1
e
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
0.75*
0.00
0.75
0.22
2.80* 4.65* 2.80*
0.65
BSC
0.40
0.95
REF
0.25
BSC
0O
5O
NOM
-
-
0.85
-
3.00
4.90
3.00
0.60
-
-
MAX
1.10
0.15
0.95
0.38
3.20* 5.15* 3.20*
0.80
8O
15O
JEDEC Registration MO-187, Variation AA, Issue E, Dec. 2004.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-8MSOPMG, Version H041309.
Note:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.


Similar Part No. - HV859_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV859K7-G SUTEX-HV859K7-G Datasheet
269Kb / 6P
   High Voltage EL Lamp Driver for Low Noise Applications
HV859MG-G SUTEX-HV859MG-G Datasheet
269Kb / 6P
   High Voltage EL Lamp Driver for Low Noise Applications
More results

Similar Description - HV859_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857 SUTEX-HV857 Datasheet
638Kb / 14P
   High Voltage EL Lamp Driver for Low Noise Applications
HV859 SUTEX-HV859 Datasheet
269Kb / 6P
   High Voltage EL Lamp Driver for Low Noise Applications
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com