Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR4-2409S05A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-2409S05A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-2409S05A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-2409S05A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-2409S05A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-2409S05A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR4-2409S05A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR4 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR4-1203S05AX
9-18
30
490
3.3
0
1300
73
1000
RR4-1205S05AX
9-18
30
542
5
0
1000
77
1000
RR4-1209S05AX
9-18
30
534
9
0
555
78
680
RR4-1212S05AX
9-18
30
514
12
0
417
81
330
RR4-1215S05AX
9-18
30
520
15
0
333
80
220
RR4-1224S05AX
9-18
30
520
24
0
208
80
68
RR4-1203D05AX
9-18
30
565
±
3.3
0
±
750
73
±
680
RR4-1205D05AX
9-18
30
542
±
5
0
±
500
77
±
330
RR4-1209D05AX
9-18
30
520
±
9
0
±
278
80
±
220
RR4-1212D05AX
9-18
30
520
±
12
0
±
208
80
±
100
RR4-1215D05AX
9-18
30
528
±
15
0
±
167
79
±
47
RR4-1224D05AX
9-18
30
520
±
24
0
±
104
80
±
33
RR4-2403S05AX
18-36
20
239
3.3
0
1300
75
1000
RR4-2405S05AX
18-36
20
261
5
0
1000
80
1000
RR4-2409S05AX
18-36
20
254
9
0
555
82
680
RR4-2412S05AX
18-36
20
261
12
0
417
80
330
RR4-2415S05AX
18-36
20
255
15
0
333
82
220
RR4-2424S05AX
18-36
20
255
24
0
208
82
68
RR4-2403D05AX
18-36
20
275
±
3.3
0
±
750
75
±
680
RR4-2405D05AX
18-36
20
267
±
5
0
±
500
78
±
330
RR4-2409D05AX
18-36
20
251
±
9
0
±
278
83
±
220
RR4-2412D05AX
18-36
20
261
±
12
0
±
208
80
±
100
RR4-2415D05AX
18-36
20
261
±
15
0
±
167
80
±
47
RR4-2424D05AX
18-36
20
261
±
24
0
±
104
80
±
33
RR4-4803S05AX
36-72
12
120
3.3
0
1300
75
1000
RR4-4805S05AX
36-72
12
131
5
0
1000
80
1000
RR4-4809S05AX
36-72
12
127
9
0
555
82
680
RR4-4812S05AX
36-72
12
131
12
0
417
80
330
RR4-4815S05AX
36-72
12
126
15
0
333
83
220
RR4-4824S05AX
36-72
12
126
24
0
208
83
68
RR4-4803D05AX
36-72
12
142
±
3.3
0
±
750
73
±
680
RR4-4805D05AX
36-72
12
132
±
5
0
±
500
79
±
330
RR4-4809D05AX
36-72
12
132
±
9
0
±
278
79
±
220
RR4-4812D05AX
36-72
12
131
±
12
0
±
208
80
±
100
RR4-4815D05AX
36-72
12
131
±
15
0
±
167
80
±
47
RR4-4824D05AX
36-72
12
131
±
24
0
±
104
80
±
33
Suffix “3” means 3.5KVdc isolation
Suffix “P” means Plastic case instead of standard Metal Case
DC/DC-Converter
5.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR4-2409S05A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-2409S05AX RSG-RR4-2409S05AX Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
More results

Similar Description - RR4-2409S05A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com