Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV857K7-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV857K7-G
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857K7-G Datasheet(HTML) 3 Page - Supertex, Inc

  HV857K7-G Datasheet HTML 1Page - Supertex, Inc HV857K7-G Datasheet HTML 2Page - Supertex, Inc HV857K7-G Datasheet HTML 3Page - Supertex, Inc HV857K7-G Datasheet HTML 4Page - Supertex, Inc HV857K7-G Datasheet HTML 5Page - Supertex, Inc HV857K7-G Datasheet HTML 6Page - Supertex, Inc HV857K7-G Datasheet HTML 7Page - Supertex, Inc HV857K7-G Datasheet HTML 8Page - Supertex, Inc HV857K7-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-HV857
A062013
HV857
Block Diagram
* The inductor used is a 220µH Murata inductor, max DC resistance of 8.4Ω, part # LQH32CN221K21.
Figure 1: Typical Application/ Test Circuit
DC Electrical Characteristics (cont.)
Sym
Parameter
Min
Typ
Max Units Conditions
V
A – VB
Peak to Peak output voltage
170
190
210
V
V
DD=1.8 to 5.0V
I
DDQ
Quiescent V
DD supply current
-
-
150
nA
R
SW-Osc = Low
I
DD
Input current going into the VDD pin
-
-
150
µA
V
DD= 1.8 to 5.0V. See Figure 1
I
IN
Input current including inductor current
-
20
25
mA
See Figure 1*
V
CS
Output voltage on VCS
-
84
-
V
See Figure 1
f
EL
EL lamp frequency
205
240
275
Hz
See Figure 1
f
SW
Switching transistor frequency
-
80
-
kHz
See Figure 1
D
Switching transistor duty cycle
-
88
-
%
See Figure 1
C
+
_
V
REF
Disable
High
Voltage
Level
Translator
GND
VDD
Q
Q
Q
VA
CS
LX
VB
Q
RSW-Osc
REL-Osc
V
SENSE
EL
Osc
V
DD
Switch
Osc
220µH*
3.3nF
100V
560kΩ
2.0MΩ
BAS21
* Murata Inductor LQH32CN221K21
HV857
ON = VDD
OFF = 0V
Enable Signal
+
-
VIN
4.7µF
+
-
VDD
0.1µF
2.0kΩ
Equivalent to 3.0in2 lamp
10nF
1
2
3
4
8
7
6
5
VDD
RSW-Osc
REL-Osc
GND
VA
VB
CS
LX
HV857


Similar Part No. - HV857K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857K7-G SUTEX-HV857K7-G Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com