Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR8-2415D12A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR8-2415D12A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR8-2415D12A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR8-2415D12A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR8-2415D12A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR8-2415D12A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR8-2415D12A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
12.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page3(4)
3
VU - 12W 2:1 Regulated Single & Dual output
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
Resistive
Load
RR8-1205S12
RR8-2405S12
RR8-4815S12
RR8-2415D12
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to :
sales@motien.com.tw
EFFICIENCY V S OUTPUT CURRENT
100
95
90
Nominal
85
80
75
70
Lo Line
Hi Line
0%
20 %
40 %
60 %
80 % 100 % 120 % 140 %
Load
EFFICIENCY VS OUTPUT CURRENT
100
95
90
85
80
75
70
Lo Line
Nominal
Hi Line
0%
20 %
40 %
60 %
80 % 100 % 120 % 140 %
Load
EFFICIENCY VS OUTPUT CURRENT
100
95
90
85
Lo Line
Nominal
80
Hi Line
75
70
0%
20 %
40 %
60 %
80 % 100 % 120 % 140 %
Load
EFFICIENCY VS OUTPUT CURRENT
100
95
90
85
80
75
70
Lo Line
Nominal
Hi Line
0%
20 %
40 %
60 %
80 % 100 % 120 % 140 %
Load
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
Copper Strip
+Vout
Single
DC/DC
Converter
1uF
Cout
Scope
-Vout
TEST CONFIGURATIONS


Similar Part No. - RR8-2415D12A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR8-2415D15A1 RSG-RR8-2415D15A1 Datasheet
604Kb / 3P
   DC/DC-Converter
More results

Similar Description - RR8-2415D12A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com