Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR7-2403S06A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR7-2403S06A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-2403S06A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR7-2403S06A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-2403S06A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-2403S06A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR7-2403S06A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR7 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR7-2403S06AX
9-36
12
253.3
3.3
0
1400
76
1000
RR7-2405S06AX
9-36
10
312.5
5
0
1200
80
1000
RR7-2407S06AX
9-36
18
312.5
7.2
0
833
80
470
RR7-2409S06AX
9-36
12
301.2
9
0
666
83
220
RR7-2412S06AX
9-36
15
301.2
12
0
500
83
1000
RR7-2415S06AX
9-36
18
301.2
15
0
400
83
470
RR7-2418S06AX
9-36
15
301.2
18
0
333
83
47
RR7-2424S06AX
9-36
18
304.9
24
0
250
82
47
RR7-2403D06AX
9-36
12
337.8
±3.3
0
±
909
74
±
470
RR7-2405D06AX
9-36
10
312.5
±5
0
±
600
80
±
680
RR7-2407D06AX
9-36
18
312.5
±7.2
0
±
416
80
±
220
RR7-2409D06AX
9-36
18
308.64
±9
0
±
333
81
±
100
RR7-2412D06AX
9-36
20
301.2
±12
0
±
250
83
±
330
RR7-2415D06AX
9-36
22
304.9
±15
0
±
200
82
±
100
RR7-2418D06AX
9-36
18
304.9
±18
0
±
166
82
±
10
RR7-2424D06AX
9-36
18
312.5
±24
0
±
125
80
±
22
RR7-4803S06AX
18-72
15
126.4
3.3
0
1400
76
1000
RR7-4805S06AX
18-72
8
156.25
5
0
1200
80
1000
RR7-4807S06AX
18-72
15
156.25
7.2
0
833
80
470
RR7-4809S06AX
18-72
10
152.43
9
0
666
82
220
RR7-4812S06AX
18-72
10
150.6
12
0
500
83
1000
RR7-4815S06AX
18-72
10
148.8
15
0
400
84
100
RR7-4818S06AX
18-72
10
150.6
18
0
333
83
10
RR7-4824S06AX
18-72
12
150.6
24
0
250
83
22
RR7-4803D06AX
18-72
10
162.3
±3.3
0
±
909
77
±
470
RR7-4805D06AX
18-72
10
158.22
±5
0
±
600
79
±
680
RR7-4807D06AX
18-72
15
156.25
±7.2
0
±
416
80
±
220
RR7-4809D06AX
18-72
15
154.32
±9
0
±
333
81
±
100
RR7-4812D06AX
18-72
10
152.4
±12
0
±
250
82
±
330
RR7-4815D06AX
18-72
15
148.8
±15
0
±
200
84
±
100
RR7-4818D06AX
18-72
15
156.25
±18
0
±
166
80
±
10
RR7-4824D06AX
18-72
15
154.3
±24
0
±
125
81
±
22
Suffix “3” means 3.5KVdc isolation
Suffix “P” means Plastic case instead of standard Metal Case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
6.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR7-2403S06A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-2403S06AX RSG-RR7-2403S06AX Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
More results

Similar Description - RR7-2403S06A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com