Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR6-4809D05A3 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RR6-4809D05A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR6-4809D05A3 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RR6-4809D05A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR6-4809D05A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR6-4809D05A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR6-4809D05A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 4 (4)
MECHANICAL SPECIFICATIONS
31.75
(1.25)
20.32
(0.80)
10.16
(0.40)
3.00
(0.12)
Printed Face
24 Pin DIL Package
Non-Conductive Plastic
DC-DC CONVERTER
xxxx
PIN CONNECTIONS
PIN
NUMBER
SINGLE-H
DUAL-H
1
12
2
13
9
15
3
14
10
16
11
22
SINGLE
+V Input
+V Input
V Input
V Input
V Input
+V Output
N.P.
+V Output
+V Output
+V Output
V Output
N.P.
V Output
V Output
Common
N.C.
N.C.
N.C.
N.C.
-V Input
N.P.
N.P.
N.P.
+V Output
DUAL
+V Input
N.P.
+V Input
-V Input
+V Input
V Output
Common
Common
Common
Common
V Input
+V Output
+V Input
N.P.
N.P.
N.C.
N.P.
N.P.
V Input
V Output
V Input
N.P.
23
24
V Output
N.P.
Common
+V Input
+V Input
N.P.
N.P.
N.P.
N.P.
N.P.
For “P” Case
0.50
(0.02)
5.08
(0.20)
15.24
(0.60)
0.50
(0.02)
22.86
(0.9)
Bottom View
1 2 3
9 10 11 12
24 23 22
16 15 14 13
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5 ± 0.05 ( 0.02 ± 0.002 )
2. Pin pitch
tolerance: ± 0.35 ( ± 0.014 )
3. Case Tolerance: ± 0.5 ( ± 0.02 )
and length
PIN CONNECTIONS
PIN
NUMBER
SINGLE-H
DUAL-H
1
12
2
13
9
15
3
14
10
16
11
22
SINGLE
+V Input
+V Input
V Input
V Input
V Input
+V Output
N.P.
+V Output
+V Output
+V Output
V Output
N.P.
V Output
V Output
Common
N.C.
N.C.
N.C.
N.C.
-V Input
N.P.
N.P.
N.P.
+V Output
DUAL
+V Input
N.P.
+V Input
-V Input
+V Input
V Output
Common
Common
Common
Common
V Input
+V Output
+V Input
N.P.
N.P.
N.C.
N.P.
N.P.
V Input
V Output
V Input
N.P.
23
24
V Output
N.P.
Common
+V Input
+V Input
N.P.
N.P.
N.P.
N.P.
N.P.
Bottom View
31.75
(1.25)
20.32
(0.80)
27.94
(1.10)
0.50
(0.02)
2.54
(0.10)
DIA
0.50
(0.02)
15.24
(0.60)
Built-in stand- o s
help air convection
Printed Face
10.16
(0.40)
3.00
(0.12)
DC-DC CONVERTER
xxxx
24 Pin DIL Package
Nickel-Coated Copper
1 2 3
9 10 11 12
15 14 13
24 23 22
16
Notes: All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5 ± 0.05 ( 0.02 ± 0.002 )
2. Pin pitch
tolerance:± 0.35 (± 0.014 )
3. Case Tolerance: ± 0.5 (±0.02 )
and length
RR6-XXXXS05A1
RR6-XXXXS05A1P
DC/DC-Converter
5.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
MECHANICAL SPECIFICATIONS
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RR6-4809D05A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR6-4809D03AX RSG-RR6-4809D03AX Datasheet
143Kb / 3P
   3.0 Watt 4:1 regulated
RR6-4809D04AX RSG-RR6-4809D04AX Datasheet
745Kb / 4P
   DC/DC-Converter
RR6-4809D06A1 RSG-RR6-4809D06A1 Datasheet
700Kb / 4P
   DC/DC-Converter
RR6-4809D06A3 RSG-RR6-4809D06A3 Datasheet
700Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR6-4809D05A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com