Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RR7-4815S03A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR7-4815S03A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-4815S03A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR7-4815S03A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-4815S03A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-4815S03A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR7-4815S03A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR7 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR7-2403S03AX
9-36
16
165
3.3
0
900
75
680
RR7-2405S03AX
9-36
16
160.3
5
0
600
78
470
RR7-2407S03AX
9-36
16
160.3
7.2
0
416
78
100
RR7-2409S03AX
9-36
16
156.3
9
0
333
80
100
RR7-2412S03AX
9-36
16
156.3
12
0
250
80
68
RR7-2415S03AX
9-36
16
156.3
15
0
200
80
47
RR7-2418S03AX
9-36
16
156.3
18
0
166
80
47
RR7-2424S03AX
9-36
16
156.3
24
0
125
80
22
RR7-2403D03AX
9-36
16
165
±3.3
0
±454
75
±330
RR7-2405D03AX
9-36
16
160.3
±5
0
±300
78
±220
RR7-2407D03AX
9-36
16
160.3
±7.2
0
±208
78
±47
RR7-2409D03AX
9-36
16
156.3
±9
0
±166
80
±47
RR7-2412D03AX
9-36
16
156.3
±12
0
±125
80
±33
RR7-2415D03AX
9-36
16
156.3
±15
0
±100
80
±22
RR7-2418D03AX
9-36
16
156.3
±18
0
±83
80
±22
RR7-2424D03AX
9-36
16
156.3
±24
0
±63
80
±10
RR7-4803S03AX
18-72
14
82.5
3.3
0
900
75
680
RR7-4805S03AX
18-72
14
80.1
5
0
600
78
470
RR7-4807S03AX
18-72
14
80.1
7.2
0
416
78
100
RR7-4809S03AX
18-72
14
78.1
9
0
333
80
100
RR7-4812S03AX
18-72
14
78.1
12
0
250
80
68
RR7-4815S03AX
18-72
14
78.1
15
0
200
80
47
RR7-4818S03AX
18-72
14
78.1
18
0
166
80
47
RR7-4824S03AX
18-72
14
78.1
24
0
125
80
22
RR7-4803D03AX
18-72
14
83.3
±3.3
0
±454
75
±330
RR7-4805D03AX
18-72
14
80.1
±5
0
±300
78
±220
RR7-4807D03AX
18-72
14
80.1
±7.2
0
±208
78
±47
RR7-4809D03AX
18-72
14
78.1
±9
0
±166
80
±47
RR7-4812D03AX
18-72
14
78.1
±12
0
±125
80
±33
RR7-4815D03AX
18-72
14
78.1
±15
0
±100
80
±22
RR7-4818D03AX
18-72
14
78.1
±18
0
±83
80
±22
RR7-4824D03AX
18-72
14
78.1
±24
0
±63
80
±10
Suffix “3” means 3.5KVdc isolation
Suffix “P” means Plastic case instead of standard Metal Case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
3.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR7-4815S03A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-4815S02A1 RSG-RR7-4815S02A1 Datasheet
860Kb / 4P
   DC/DC-Converter
RR7-4815S02A3 RSG-RR7-4815S02A3 Datasheet
860Kb / 4P
   DC/DC-Converter
RR7-4815S05A1 RSG-RR7-4815S05A1 Datasheet
758Kb / 4P
   DC/DC-Converter
RR7-4815S05A3 RSG-RR7-4815S05A3 Datasheet
758Kb / 4P
   DC/DC-Converter
RR7-4815S05AX RSG-RR7-4815S05AX Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
More results

Similar Description - RR7-4815S03A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com