Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV853 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV853
Description  High Voltage, Low Noise,Inductorless EL Lamp Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV853 Datasheet(HTML) 6 Page - Supertex, Inc

  HV853 Datasheet HTML 1Page - Supertex, Inc HV853 Datasheet HTML 2Page - Supertex, Inc HV853 Datasheet HTML 3Page - Supertex, Inc HV853 Datasheet HTML 4Page - Supertex, Inc HV853 Datasheet HTML 5Page - Supertex, Inc HV853 Datasheet HTML 6Page - Supertex, Inc HV853 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV853
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
10-Lead DFN Package Outline (K7)
3.00x3.00mm body, 0.80mm height (max), 0.50mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.70
0.00
0.20
REF
0.18
2.85*
2.20
2.85*
1.40
0.50
BSC
0.30
0.00*
0O
NOM
0.75
0.02
0.25
3.00
-
3.00
-
0.40
-
-
MAX
0.80
0.05
0.30
3.15*
2.70
3.15*
1.75
0.50
0.15
14O
JEDEC Registration MO-229, Variation WEED-5, Issue C, Aug. 2003.
* This dimension is not specified in the original JEDEC drawing. The value listed is for reference only.
Drawings not to scale.
Supertex Doc.#: DSPD-10DFNK73X3P050, Version C101008.
Seating
Plane
θ
Top View
Side View
Bottom View
A
A1
D
E
D2
e
b
E2
A3
L
L1
View B
View B
Note 1
(Index Area
D/2 x E/2)
Note 3
Note 2
Note 1
(Index Area
D/2 x E/2)
10
1
10
1
Notes:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
The inner tip of the lead may be either rounded or square.
1.
2.
3.


Similar Part No. - HV853

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853K7-G SUTEX-HV853K7-G Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853MG-G SUTEX-HV853MG-G Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results

Similar Description - HV853

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com