Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV101 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQV101
Description  HF (High Function) Type [1-Channel (Form A) Type]
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV101 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQV101 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
184
1
2
3
6
5
4
1
2
3
6
5
4
HF (High Function) Type
[1-Channel (Form A) Type]
mm inch
8.8
±0.05
.346
±.002
6.4
±0.05
.252
±.002
3.9
±0.2
.154
±.008
8.8
±0.05
.346
±.002
6.4
±0.05
.252
±.002
3.6
±0.2
.142
±.008
FEATURES
1. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
2. Control with low-level input signals
3. Controls various types of loads such
as relays, motors, lamps and sole-
noids.
4. Optical coupling for extremely high
isolation
Unlike mechanical relays, the PhotoMOS
relay combines LED and optoelectronic
device to transfer signals using light for
extremely high isolation.
5. Eliminates the need for a counter
electromotive force protection diode in
the drive circuits on the input side
6. Stable on resistance
7. Low-level off state leakage current
8. Eliminates the need for a power sup-
ply to drive the power MOSFET
A power supply used to drive the power
MOSFET is unnecessary because of the
built-in optoelectronic device. This results
in easy circuit design and small PC board
area.
9. Low thermal electromotive force
(Approx. 1
µV)
TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Data communication equipment
• Computer
TYPES
1. DC type (AQV10 types)
*Indicate the peak AC and DC values.
Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load voltage
Load current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
40 V
700 mA
AQV101
AQV101A
AQV101AX
AQV101AZ
1 tube contains
50 pcs.
1 batch contains
500 pcs.
1,000 pcs
60 V
600 mA
AQV102
AQV102A
AQV102AX
AQV102AZ
250 V
300 mA
AQV103
AQV103A
AQV103AX
AQV103AZ
400 V
180 mA
AQV104
AQV104A
AQV104AX
AQV104AZ
2. AC/DC type (AQV20 types)
*Indicate the peak AC and DC values.
Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load voltage
Load current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
40 V
500 mA
AQV201
AQV201A
AQV201AX
AQV201AZ
1 tube contains
50 pcs.
1 batch contains
500 pcs.
1,000 pcs
60 V
400 mA
AQV202
AQV202A
AQV202AX
AQV202AZ
250 V
200 mA
AQV203
AQV203A
AQV203AX
AQV203AZ
400 V
150 mA
AQV204
AQV204A
AQV204AX
AQV204AZ
PhotoMOS
RELAYS
(AQV10 series)
(AQV20 series)


Similar Part No. - AQV101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV10 PANASONIC-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV10 PANASONIC-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQV10 ETC2-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV10 ETC2-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV10 ETC2-AQV10 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQV101

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com