Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2-0515D10A3T Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS2-0515D10A3T
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-0515D10A3T Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS2-0515D10A3T Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-0515D10A3T Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-0515D10A3T Datasheet HTML 3Page - RSG Electronic Components GmbH RS2-0515D10A3T Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
MODEL SELECTION GUIDE
MOD EL N U MBE R
IN PU T
Volt age R an ge
(Vd c)
IN PU T C urrent
OUTP UT
V olta ge
(Vd c)
OU TPU T C urrent
Full loa d
(m A)
E FFI CI EN CY
@ FL (%)
C ap acito r
L oa d(uF)
N o-Loa d
(m A)
Full Lo ad
(m A)
RS2-05 05 S10AXT
5 ( 4.5 ~ 5. 5 )
4 0
253
5
2 00
80
22 0
RS2-05 12 S10AXT
5 ( 4.5 ~ 5. 5 )
4 0
253
1 2
8 3.3
80
10 0
RS2-05 15 S10AXT
5 ( 4.5 ~ 5. 5 )
4 0
253
1 5
6 6.7
80
10 0
RS2-12 05 S10AXT
12 ( 10. 8 ~ 1 3.2 )
1 8
105
5
2 00
80
22 0
RS2-12 12 S10AXT
12 ( 10. 8 ~ 1 3.2 )
1 8
105
1 2
8 3.3
80
10 0
RS2-12 15 S10AXT
12 ( 10. 8 ~ 1 3.2 )
1 8
104
1 5
6 6.7
81
10 0
RS2-24 05 S10AXT
24 ( 21. 6 ~ 2 6.4 )
9
53
5
2 00
80
22 0
RS2-24 12 S10AXT
24 ( 21. 6 ~ 2 6.4 )
9
53
1 2
8 3.3
80
10 0
RS2-24 15 S10AXT
24 ( 21. 6 ~ 2 6.4 )
9
53
1 5
6 6.7
80
10 0
RS2-050 5D10AXT
5 ( 4.5 ~ 5. 5 )
4 0
253
±5
±1 00
80
±10 0
RS2-051 2 D10AXT
5 ( 4.5 ~ 5. 5 )
4 0
253
±1 2
±41 .67
80
±47
RS2-051 5 D10AXT
5 ( 4.5 ~ 5. 5 )
4 0
250
±1 5
±33 .33
81
±47
RS2-120 5 D10AXT
12 ( 10. 8 ~ 1 3.2 )
1 8
105
±5
±1 00
80
±10 0
RS2-121 2 D10AXT
12 ( 10. 8 ~ 1 3.2 )
1 8
105
±1 2
±41 .67
80
±47
RS2-121 5 D10AXT
12 ( 10. 8 ~ 1 3.2 )
1 8
105
±1 5
±33 .33
80
±47
RS2-240 5 D10AXT
24 ( 21. 6 ~ 2 6.4 )
9
53
±5
±1 00
80
±10 0
RS2-241 2 D10AXT
24 ( 21. 6 ~ 2 6.4 )
9
53
±1 2
±41 .67
80
±47
RS2-241 5 D10AXT
24 ( 21. 6 ~ 2 6.4 )
9
53
±1 5
±33 .33
80
±47
Suffix “3” means 3 K Vdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
1.0W High temperature
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RS2 -
XX
XX
X
XX
Power (W)
Input
Type
A
X T
Code
internal
Isolation
(kVDC)
RS2 -
XX
XX
X
XX
Power (W)
Input
Type
A
X T
Code
internal
Isolation
(kVDC)


Similar Part No. - RS2-0515D10A3T

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-0515D10A3 RSG-RS2-0515D10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-0515D10A3M RSG-RS2-0515D10A3M Datasheet
934Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS2-0515D10A3T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com