Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9147A Datasheet(PDF) 11 Page - Keysight Technologies

Part # M9147A
Description  PXI RF Switch Modules DC to 3 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9147A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button M9147A Datasheet HTML 7Page - Keysight Technologies M9147A Datasheet HTML 8Page - Keysight Technologies M9147A Datasheet HTML 9Page - Keysight Technologies M9147A Datasheet HTML 10Page - Keysight Technologies M9147A Datasheet HTML 11Page - Keysight Technologies M9147A Datasheet HTML 12Page - Keysight Technologies M9147A Datasheet HTML 13Page - Keysight Technologies M9147A Datasheet HTML 14Page - Keysight Technologies M9147A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
011 Keysight PXI RF Switch Modules DC to 3 GHz
spEciFicatiOns and cHaractEristics
The M9147A and M9151A each contain four 1x4 RF switch
multiplexers in a single PXI module. They offer bi-directional
switching up to 3 GHz. The M9147A features a terminated
common that delivers better insertion loss and VSWR to
ensure RF signal integrity.
Figure 5. M9147A quad 1x4 RF switch multiplexer
M9147A and M9151A quad 1x4 RF switch multiplexers
Figure 6. M9151A quad 1x4 RF switch multiplexer
Specifications and characteristics
General specifications
M9147A
M9151A
Channels
Quad 1x4
Quad 1x4
Switch type
Multiplexer
Multiplexer
Input impedance
50 Ω
75 Ω
Frequency range
3 GHz
3 GHz
Max volts
30 V
30 V
Max current
1 A
1 A
Switching characteristics, nominal
Max RF power
2 W
10 W
Open/close time
3 msec
3 msec
Relay life (typical)
10 million @ < 100 mWatts


Similar Part No. - M9147A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9147A KEYSIGHT-M9147A Datasheet
7Mb / 27P
   PXI RF Switch Modules
More results

Similar Description - M9147A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9149A KEYSIGHT-M9149A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9153A KEYSIGHT-M9153A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9146A KEYSIGHT-M9146A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9151A KEYSIGHT-M9151A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9150A KEYSIGHT-M9150A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9152A KEYSIGHT-M9152A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
M9156CH40 KEYSIGHT-M9156CH40 Datasheet
667Kb / 2P
   DC to 26.5/40 GHz PXI Hybrid Switch Modules
M9128A KEYSIGHT-M9128A Datasheet
8Mb / 27P
   Technologies PXI RF Switch Modules
M9156C KEYSIGHT-M9156C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com