Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD1-0312S15A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD1-0312S15A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD1-0312S15A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD1-0312S15A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RD1-0312S15A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RD1-0312S15A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RD1-0312S15A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page2(4)
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
DC/DC-Converter
1.5W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIE
NCY
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full l oad
(mA)
RS1-0503S15AX
5
30
370
3.3
400
81
220
RS1-0505S15AX
5
30
380
5
300
79
220
RS1-0507S15AX
5
35
366
7.2
208
82
220
RS1-0509S15AX
5
25
400
9
166
75
220
RS1-0512S15AX
5
25
385
12
125
78
220
RS1-0515S15AX
5
30
375
15
100
80
220
RS1-0518S15AX
5
30
353
18
83
85
220
RS1-0524S15AX
5
35
357
24
63
84
220
RS1-1203S15AX
12
15
167
3.3
400
75
220
RS1-1205S15AX
12
25
156
5
300
80
220
RS1-1207S15AX
12
25
167
7.2
208
75
220
RS1-1209S15AX
12
20
151
9
166
83
220
RS1-1212S15AX
12
15
152
12
125
82
220
RS1-1215S15AX
12
15
156
15
100
80
220
RS1-1218S15AX
12
15
156
18
83
80
220
RS1-1224S15AX
12
15
164
24
63
76
220
RS1-2403S15AX
24
15
83
3.3
400
75
220
RS1-2405S15AX
24
15
76
5
300
82
220
RS1-2407S15AX
24
10
78
7.2
208
80
220
RS1-2409S15AX
24
10
78
9
167
80
220
RS1-2412S15AX
24
15
74
12
125
84
220
RS1-2415S15AX
24
10
74
15
100
84
220
RS1-2418S15AX
24
10
78
18
83
80
220
RS1-2424S15AX
24
8
71
24
63
88
220
RS1-4803S15AX
48
10
42
3.3
400
75
220
RS1-4805S15AX
48
10
42
5
300
75
220
RS1-4807S15AX
48
8
41
7.2
208
76
220
RS1-4809S15AX
48
8
41
9
167
76
220
RS1-4812S15AX
48
6
41
12
125
77
220
RS1-4815S15AX
48
6
41
15
100
77
220
RS1-4818S15AX
48
6
41
18
83
77
220
RS1-4824S15AX
48
6
40
24
63
78
220
Isolation “3” means 3 KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de


Similar Part No. - RD1-0312S15A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-0312S10A1 RSG-RD1-0312S10A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0312S10A3 RSG-RD1-0312S10A3 Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RD1-0312S15A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com