Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2-4812D20A1M Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS2-4812D20A1M
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-4812D20A1M Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS2-4812D20A1M Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-4812D20A1M Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-4812D20A1M Datasheet HTML 3Page - RSG Electronic Components GmbH RS2-4812D20A1M Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page2(5)
RS2 -
XX
XX
X
XX
Power (W)
Input
Type
A
X M
Code
internal
Isolation
(kVDC)
10=1.00
20=2.00
MODEL SELECTION GUIDE
Suffix “3” means 3 K Vdc isolation
Type M = Semi regulated
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
1. Ripple/Noise measured with 20MHz bandwidth and 1.0uF ceramic capacitor.
2. Tested by minimal Vin and constant resistive full load.
3. Input filter components (C1, L,C2, C3) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
4. An external filter capacitor is required if the module has to meet IEC61000-4-4
The filter capacitor RSG suggest: Nippon chemi-con KY series, 220uF/100V.
5. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
MODEL NUMBER
INPUT
Voltage Range
INPUT Current
OUTPUT
Voltage
OUTPUT Current
Full load
LOAD
Regulation EFFICIENCY Capacitor
No-Load
Full Load
RS2- 0505D20AXM
5
50
488
±
5
±
200
5
82
±
100
RS2-0509D20AXM
5
50
471
±
9
±
111.1
3.9
85
±
100
RS2-0512D20AXM
5
50
465
±
12
±
83.3
3.7
86
±
47
RS2-0515D20AXM
5
50
460
±
15
±
66.6
4
87
±
47
RS2-1205D20AXM
12
40
200
±
5
±
200
3.4
84
±
100
RS2-1209D20AXM
12
40
189
±
9
±
111.1
2.4
88
±
100
RS2-1212D20AXM
12
40
187
±
12
±
83.3
2.2
89
±
47
RS2-1215D20AXM
12
40
187
±
15
±
66.6
1.9
89
±
47
RS2-1505D20AXM
15
30
157
±
5
±
200
3.4
85
±
100
RS2-1509D20AXM
15
30
152
±
9
±
111.1
2.4
88
±
100
RS2-1512D20AXM
15
30
152
±
12
±
83.3
2.2
88
±
47
RS2-1515D20AXM
15
30
152
±
15
±
66.6
1.9
88
±
47
RS2-2405D20AXM
24
20
102
±
5
±
200
3.5
82
±
100
RS2-2409D20AXM
24
20
98
±
9
±
111.1
2.4
85
±
100
RS2-2412D20AXM
24
20
97
±
12
±
83.3
2.2
86
±
47
RS2-2415D20AXM
24
20
96
±
15
±
66.6
1.9
87
±
47
RS2-0505S20AXM
5
50
494
5
400
6
81
220
RS2-0509S20AXM
5
50
471
9
222.2
4.2
85
220
RS2-0512S20AXM
5
50
471
12
166.6
3.8
85
100
RS2-0515S20AXM
5
50
465
15
133.3
4.5
86
100
RS2-1205S20AXM
12
40
198
5
400
4.2
84
220
RS2-1209S20AXM
12
40
194
9
222.2
2.8
86
220
RS2-1212S20AXM
12
40
189
12
166.6
2.4
88
100
RS2-1215S20AXM
12
40
189
15
133.3
2.2
88
100
RS2-1505S20AXM
15
30
157
5
400
4
85
220
RS2-1509S20AXM
15
30
153
9
222.2
2.6
87
220
RS2-1512S20AXM
15
30
153
12
166.6
2.4
87
100
MODEL SELECTION GUIDE
Suffix “3” means 3 K Vdc isolation
Type M = Semi regulated
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
1. Ripple/Noise measured with 20MHz bandwidth and 1.0uF ceramic capacitor.
2. Tested by minimal Vin and constant resistive full load.
3. Input filter components (C1, L,C2, C3) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
4. An external filter capacitor is required if the module has to meet IEC61000-4-4
The filter capacitor RSG suggest: Nippon chemi-con KY series, 220uF/100V.
5. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
MODEL NUMBER
INPUT
Voltage Range
INPUT Current
OUTPUT
Voltage
OUTPUT Current
Full load
LOAD
Regulation EFFICIENCY Capacitor
No-Load
Full Load
RS2- 0505D20AXM
5
50
488
±
5
±
200
5
82
±
100
RS2-0509D20AXM
5
50
471
±
9
±
111.1
3.9
85
±
100
RS2-0512D20AXM
5
50
465
±
12
±
83.3
3.7
86
±
47
RS2-0515D20AXM
5
50
460
±
15
±
66.6
4
87
±
47
RS2-1205D20AXM
12
40
200
±
5
±
200
3.4
84
±
100
RS2-1209D20AXM
12
40
189
±
9
±
111.1
2.4
88
±
100
RS2-1212D20AXM
12
40
187
±
12
±
83.3
2.2
89
±
47
RS2-1215D20AXM
12
40
187
±
15
±
66.6
1.9
89
±
47
RS2-1505D20AXM
15
30
157
±
5
±
200
3.4
85
±
100
RS2-1509D20AXM
15
30
152
±
9
±
111.1
2.4
88
±
100
RS2-1512D20AXM
15
30
152
±
12
±
83.3
2.2
88
±
47
RS2-1515D20AXM
15
30
152
±
15
±
66.6
1.9
88
±
47
RS2-2405D20AXM
24
20
102
±
5
±
200
3.5
82
±
100
RS2-2409D20AXM
24
20
98
±
9
±
111.1
2.4
85
±
100
RS2-2412D20AXM
24
20
97
±
12
±
83.3
2.2
86
±
47
RS2-2415D20AXM
24
20
96
±
15
±
66.6
1.9
87
±
47
RS2-0505S20AXM
5
50
494
5
400
6
81
220
RS2-0509S20AXM
5
50
471
9
222.2
4.2
85
220
RS2-0512S20AXM
5
50
471
12
166.6
3.8
85
100
RS2-0515S20AXM
5
50
465
15
133.3
4.5
86
100
RS2-1205S20AXM
12
40
198
5
400
4.2
84
220
RS2-1209S20AXM
12
40
194
9
222.2
2.8
86
220
RS2-1212S20AXM
12
40
189
12
166.6
2.4
88
100
RS2-1215S20AXM
12
40
189
15
133.3
2.2
88
100
RS2-1505S20AXM
15
30
157
5
400
4
85
220
RS2-1509S20AXM
15
30
153
9
222.2
2.6
87
220
RS2-1512S20AXM
15
30
153
12
166.6
2.4
87
100
DC/DC-Converter
2.0W Semi-regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS2-4812D20A1M

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-4812D10A1 RSG-RS2-4812D10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-4812D10A1M RSG-RS2-4812D10A1M Datasheet
934Kb / 4P
   DC/DC-Converter
RS2-4812D10A3 RSG-RS2-4812D10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-4812D10A3M RSG-RS2-4812D10A3M Datasheet
934Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS2-4812D20A1M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com