Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2-0507T10A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS2-0507T10A3
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-0507T10A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS2-0507T10A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-0507T10A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-0507T10A3 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (3)
RD2 -
XX
XX
X
XX
Power (W)
Input
Type
A
X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage(Vdc)
Output1 Output2
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load(mA)
Output1 Output2
RS2/
RD2-0503T10AX
5
25
259
5 , 3.3
100 , 152
77
100
RS2/
RD2-0507T10AX
5
25
266
5 , 7.2
100 , 69
75
100
RS2/
RD2-0509T10AX
5
25
259
5 , 9
100 , 56
77
100
RS2/
RD2-0512T10AX
5
25
259
5 , 12
100 , 42
77
100
RS2/
RD2-0515T10AX
5
25
256
5 , 15
100 , 33
78
100
RS2/
RD2-1203T10AX
12
15
106
5 , 3.3
100 , 152
78
100
RS2/
RD2-1207T10AX
12
15
111
5 , 7.2
100 , 69
75
100
RS2/
RD2-1209T10AX
12
15
108
5 , 9
100 , 56
77
100
RS2/
RD2-1212T10AX
12
15
92
5 , 12
100 , 42
80
100
RS2/
RD2-1215T10AX
12
15
106
5 , 15
100 , 33
78
100
RS2/
RD2-2403T10AX
24
8
55
5 , 3.3
100 , 152
75
100
RS2/
RD2-2407T10AX
24
8
55
5 , 7.2
100 , 69
75
100
RS2/
RD2-2409T10AX
24
8
54
5 , 9
100 , 56
77
100
RS2/
RD2-2412T10AX
24
8
53
5 , 12
100 , 42
78
100
RS2/
RD2-2415T10AX
24
8
53
5 , 15
100 , 33
78
100
RS2/
RD2-0505E10AX
5
25
266
5 , 5
100 , 100
75
100
RS2/
RD2-0507E10AX
5
25
259
7.2 , 7.2
69 , 69
77
100
RS2/
RD2-0509E10AX
5
25
253
9 , 9
56 , 56
79
100
RS2/
RD2-0512E10AX
5
25
250
12 , 12
42 , 42
80
100
RS2/
RD2-0515E10AX
5
25
243
15 , 15
33 , 33
82
100
RS2/
RD2-1205E10AX
12
15
111
5 , 5
100 , 100
75
100
RS2/
RD2-1207E10AX
12
15
108
7.2 , 7.2
69 , 69
77
100
RS2/
RD2-1209E10AX
12
15
108
9 , 9
56 , 56
77
100
RS2/
RD2-1212E10AX
12
15
104
12 , 12
42 , 42
80
100
RS2/
RD2-1215E10AX
12
15
102
15 , 15
33 , 33
81
100
RS2/
RD2-2405E10AX
24
8
55
5 , 5
100 , 100
75
100
RS2/
RD2-2407E10AX
24
8
54
7.2 , 7.2
69 , 69
77
100
RS2/
RD2-2409E10AX
24
8
52
9 , 9
56 , 56
79
100
RS2/
RD2-2412E10AX
24
8
50
12 , 12
42 , 42
82
100
RD2-2415E10AX
24
8
50
15 , 15
33 , 33
82
100
Suffix “3” means 3 KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover or e-mail to : info@rsg-electronic.de
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
1.Ripple/Noisemeasuredwith20MHzbandwith.
2.TestedbyminimalVinandconstantresistiveload.
3.MeasuredInputreflectedripplecurrentwithasimulatedsourceinductanceof12µH.
4.Exceedingtheabsoluteratingsoftheunitcouldcausedamage.Itisnotallowedforcontinuousoperating.
5.Operationunderno-loadconditionswillnotdamagethesedevices,however,theymaynotmeetalllistedspecifications.
DC/DC-Converter
1.0WUnregulated
DualSeparateOutput
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS2-0507T10A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-0507D10A1 RSG-RS2-0507D10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-0507D10A3 RSG-RS2-0507D10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-0507S10A1 RSG-RS2-0507S10A1 Datasheet
1Mb / 8P
   DC/DC-Converter
RS2-0507S10A3 RSG-RS2-0507S10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
More results

Similar Description - RS2-0507T10A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com