Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD3-0512E20A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD3-0512E20A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD3-0512E20A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD3-0512E20A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RD3-0512E20A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RD3-0512E20A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RD3-0512E20A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RS3 -
XX
XX
X
XX
Power (W)
Input
Type
A
X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage(Vdc)
Output1 Output2
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Full load(mA)
Output1 Outpu
t2
RS3/RD3-0503T20AX
5
35
519
5 , 3.3
200 , 303
77
220
RS3/RD3-0507T20AX
5
35
519
5 , 7.2
200 , 139
77
220
RS3/RD3-0509T20AX
5
35
519
5 , 9
200 , 111
77
220
RS3/RD3-0512T20AX
5
35
500
5 , 12
200 , 83
80
220
RS3/RD3-0515T20AX
5
35
500
5 , 15
200 , 67
80
220
RS3/RD3-0518T20AX
5
35
519
5 , 18
200 , 55
77
220
RS3/RD3-0524T20AX
5
35
519
5 , 24
200 , 41
77
220
RS3/RD3-1203T20AX
12
25
216
5 , 3.3
200 , 303
77
220
RS3/RD3-1207T20AX
12
25
216
5 , 7.2
200 , 139
77
220
RS3/RD3-1209T20AX
12
25
216
5 , 9
200 , 111
77
220
RS3/RD3-1212T20AX
12
25
208
5 , 12
200 , 83
80
220
RS3/RD3-1215T20AX
12
25
208
5 , 15
200 , 67
80
220
RS3/RD3-1218T20AX
12
25
216
5 , 18
200 , 55
77
220
RS3/RD3-1224T20AX
12
25
216
5 , 24
200 , 41
77
220
RS3/RD3-2403T20AX
24
12
108
5 , 3.3
200 , 303
77
220
RS3/RD3-2407T20AX
24
12
108
5 , 7.2
200 , 139
77
220
RS3/RD3-2409T20AX
24
12
108
5 , 9
200 , 111
77
220
RS3/RD3-2412SD/01
24
12
104
5 , 12
200 , 83
80
220
RS3/RD3-2415T20AX
24
12
104
5 , 15
200 , 67
80
220
RS3/RD3-2418T20AX
24
12
106
5 , 18
200 , 55
78
220
RS3/RD3-2424T20AX
24
12
108
5 , 24
200 , 41
77
220
Suffix “3” means 3 KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
2.0W unregulated
Dual Separate Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD3-0512E20A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD3-0512D20A1 RSG-RD3-0512D20A1 Datasheet
1Mb / 7P
   DC/DC-Converter
RD3-0512D20A3 RSG-RD3-0512D20A3 Datasheet
1Mb / 7P
   DC/DC-Converter
RD3-0512D20A5 RSG-RD3-0512D20A5 Datasheet
1Mb / 7P
   DC/DC-Converter
RD3-0512D20A6 RSG-RD3-0512D20A6 Datasheet
1Mb / 7P
   DC/DC-Converter
RD3-0512D20AX RSG-RD3-0512D20AX Datasheet
1Mb / 7P
   DC/DC-Converter
More results

Similar Description - RD3-0512E20A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com