Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV203 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQV203
Description  HF (High Function) Type [1-Channel (Form A) Type]
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV203 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQV203 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV203 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV203 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV203 Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQV203 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AQV10r, 20r
186
2. AC/DC type (AQV20 types)
1) Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
2) Electrical characteristics (Ambient temperature: 25
°C 77°F)
For type of connection, see page 31.
Note: Recommendable LED forward current IF= 10 mA.
*Turn on/Turn off time
Item
Symbol
Type of
connec-
tion
AQV201(A)
AQV202(A)
AQV203(A)
AQV204(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
6 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
150 mW
Output
Load voltage (peak AC)
VL
40 V
60 V
250 V
400 V
Continuous load current
IL
A
0.5 A
0.4 A
0.2 A
0.15 A
A connection: Peak AC, DC
B, C connection: DC
B
0.7 A
0.6 A
0.3 A
0.18 A
C
1.0 A
0.8 A
0.4 A
0.25 A
Peak load current
Ipeak
1.8 A
1.5 A
0.6 A
0.5 A
A connection 100 ms (1 shot)
VL = DC
Power dissipation
Pout
360 mW
Total power dissipation
PT
410 mW
I/O isolation voltage
Viso
1,500 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperature
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
Item
Symbol
Type of
connec-
tion
AQV201(A)
AQV202(A)
AQV203(A)
AQV204(A)
Remarks
Input
LED operate current
Typical
IFon
2.4 mA
IL = Max.
Maximum
5 mA
LED turn off current
Minimum
IFoff
0.8 mA
IL = Max.
Typical
2.2 mA
LED dropout voltage
Typical
VF
2.3 V
IF = 10 mA
Maximum
3 V
Output
On resistance
Typical
Ron
A
0.6
0.74
5.5
12.4
IF = 10 mA
IL = Max.
Within 1 s on time
Maximum
1
1.4
8
16
Typical
Ron
B
0.3
0.37
2.7
6.2
IF = 10 mA
IL = Max.
Within 1 s on time
Maximum
0.5
0.7
4
8
Typical
Ron
C
0.15
0.18
1.4
3.1
IF = 10 mA
IL = Max.
Within 1 s on time
Maximum
0.25
0.35
2
4
Off state leakage
current
Maximum
1
µAIF = 0, VL = Max.
Transfer
characteristics
Switching
speed
Turn on
time*
Typical
Ton
0.38 ms
0.41 ms
0.21 ms
0.18 ms
IF = 10 mA
IL = Max.
Maximum
1 ms
Turn off
time*
Typical
Toff
0.08 ms
0.08 ms
0.07 ms
0.07 ms
IF = 10 mA
IL = Max.
Maximum
1 ms
I/O capacitance
Typical
Ciso
1.3 pF
f = 1 MHz
Maximum
3 pF
Initial I/O isolation
resistance
Minimum
Riso
1,000 M
500 V DC
Ton
Input
Output
10%
90%
Toff
s For Dimensions, see Page 27.
s For Schematic and Wiring Diagrams, see Page 31.
s For Cautions for Use, see Page 36.


Similar Part No. - AQV203

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV20 PANASONIC-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV20 PANASONIC-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQV20 ETC2-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV20 ETC2-AQV20 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV20 ETC2-AQV20 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQV203

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com