Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX91041 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IFX91041
Description  1.8A DC/DC Step-Down Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX91041 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IFX91041_11 Datasheet HTML 1Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 2Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 3Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 4Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 5Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 6Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 7Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 8Page - Infineon Technologies AG IFX91041_11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
4
Rev. 1.1, 2011-07-08
IFX91041
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol Function
1SYNC
Synchronization Input.
Connect to an external clock signal in order to synchronize/adjust the switching frequency.
If not used connect to GND.
2GND
Ground.
3
COMP Compensation Input.
Frequency compensation for regulation loop stability.
Connect to compensation RC-network.
4FB
Feedback Input.
For the adjustable output voltage versions (IFX91041EJV) connect via voltage divider to output
capacitor.
For the fixed voltage version (IFX91041EJV50, IFX91041EJV33) connect this pin directly to the
output capacitor.
5BDS
Buck Driver Supply Input.
Connect the bootstrap capacitor between this pin and pin BUO.
6BUO
Buck Switch Output.
Source of the integrated power-DMOS transistor. Connect directly to the cathode of the catch
diode and the buck circuit inductance.
7EN
Enable Input.
Active-high enable input with integrated pull down resistor.
8VS
Supply Voltage Input.
Connect to supply voltage source.
Exposed Pad
Connect to heatsink area and GND by low inductance wiring.
GND
EN
COMP
BUO
VS
5
6
4
3
2
7
1
8
FB
IFX91041
SYNC
BDS
S08_PIN.vsd


Similar Part No. - IFX91041_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041_10 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.02, 2010-02-23
More results

Similar Description - IFX91041_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8366 INFINEON-TLE8366 Datasheet
1Mb / 19P
   1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.0, 2009-05-18
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
   1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
IFX91041 INFINEON-IFX91041 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
IFX91041 INFINEON-IFX91041_10 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.02, 2010-02-23
logo
Monolithic Power System...
MP9141 MPS-MP9141 Datasheet
346Kb / 10P
   1.8A Step-Down DC to DC Converter
logo
Linear Technology
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ Datasheet
362Kb / 16P
   1.8A DC/DC Step-Down Converter Infineon Power LED Driver
Rev. 1.0, June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com