Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1743 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT1743
Description  2-Channel PWM Controller for LCD Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1743 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  AT1743 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1743 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AT1743
2-Channel PWM Controller for LCD Display
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
9
Reflow Condition (IR/Convection or VPR Reflow)
Reference JEDEC Standard J-STD-020A
Classification Reflow Profiles
Convection or
IR/Convction
VPR
Average Heating Rate(180
°C to peak)
5
°C/second max.
10
°C/second max.
Preheat Temperature(125
±20°C)
120 seconds max.
Temperature maintained above 180
°C
10~150 seconds
Time
within
5
°C
of
actual
Peak
Temperature
10~20 seconds
60 seconds
Peak Temperature Range(Note 1)
219~225
°C or
235~240
°C
219~225
°C or
235~240
°C
Cooling Rate
6
°C /second max.
10
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
*1 The maximum peak temperatures for IR and VP reflow are depending on package dimensions.
Package Reflow Conditions
Pkg. Thickness
≥2.5mm
and all bags
Pkg. Thickness <2.5mm
and
Pkg. Volume
≥350 mm3
Pkg. Thickness <2.5mm
and
Pkg. Volume <350 mm3
Convection 219~225°C
Convection 235~240°C
VPR 219~225°C
VPR 235~240°C
IR/Convection 219~225°C
IR/Convection 235~240°C


Similar Part No. - AT1743

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1741 ETC-AT1741 Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
AT1741D ETC-AT1741D Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
AT1741S ETC-AT1741S Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
More results

Similar Description - AT1743

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
   2-Channel PWM Controller for LCD Bias
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
   3-Channel PWM Controller for LCD Bias
AT1741 ETC-AT1741 Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
logo
Fairchild Semiconductor
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
logo
Sanyo Semicon Device
LC7980 SANYO-LC7980 Datasheet
397Kb / 18P
   Controller for the LCD Dot Matrix Graphic Display
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com