Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43641A9187M05 Datasheet(PDF) 7 Page - TDK Electronics

Part # B43641A9187M05
Description  Snap-in capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43641A9187M05 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B43641A9187M05 Datasheet HTML 3Page - TDK Electronics B43641A9187M05 Datasheet HTML 4Page - TDK Electronics B43641A9187M05 Datasheet HTML 5Page - TDK Electronics B43641A9187M05 Datasheet HTML 6Page - TDK Electronics B43641A9187M05 Datasheet HTML 7Page - TDK Electronics B43641A9187M05 Datasheet HTML 8Page - TDK Electronics B43641A9187M05 Datasheet HTML 9Page - TDK Electronics B43641A9187M05 Datasheet HTML 10Page - TDK Electronics B43641A9187M05 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =400VDC
150
22
× 25
620
170
900
2.07
1.59
0.86
B43641A9157M05#
180
22
× 30
520
140
750
2.39
1.84
0.99
B43641A9187M05#
180
25
× 25
520
150
760
2.27
1.75
0.95
B43641B9187M05#
220
22
× 35
420
120
620
2.82
2.17
1.17
B43641A9227M05#
220
25
× 30
430
120
620
2.66
2.05
1.11
B43641B9227M05#
270
22
× 40
350
95
500
3.35
2.58
1.39
B43641A9277M05#
270
25
× 30
350
100
520
3.12
2.40
1.29
B43641B9277M05#
270
30
× 25
360
120
540
2.87
2.21
1.20
B43641C9277M05#
330
22
× 45
280
80
410
3.98
3.05
1.65
B43641A9337M05#
330
25
× 35
290
85
420
3.68
2.82
1.52
B43641B9337M05#
330
30
× 30
300
95
440
3.37
2.59
1.41
B43641C9337M05#
390
25
× 40
240
75
360
4.23
3.25
1.75
B43641A9397M05#
390
30
× 30
260
85
380
3.78
2.90
1.57
B43641B9397M05#
390
35
× 25
270
100
410
3.45
2.65
1.44
B43641C9397M05#
470
25
× 50
200
60
300
4.99
3.83
2.07
B43641A9477M05#
470
30
× 35
210
70
320
4.39
3.37
1.82
B43641B9477M05#
470
35
× 30
220
80
330
4.02
3.08
1.54
B43641C9477M05#
560
25
× 55
170
50
250
5.79
4.44
2.40
B43641A9567M05#
560
30
× 40
180
60
270
5.06
3.87
1.93
B43641B9567M05#
560
35
× 30
200
80
300
4.42
3.38
1.69
B43641C9567M05#
680
30
× 45
150
50
220
5.92
4.52
2.26
B43641A9687M05#
680
35
× 35
160
65
240
5.16
3.94
1.97
B43641B9687M05#
820
30
× 55
120
40
180
6.98
5.34
2.67
B43641A9827M05#
820
35
× 40
130
55
200
5.97
4.56
2.28
B43641B9827M05#
1000
35
× 50
110
40
170
7.15
5.47
2.74
B43641A9108M05#
1200
35
× 55
90
38
140
8.21
6.27
3.13
B43641A9128M05#
B43641
Ultra compact
105
°C
Preliminary Data
Page7of16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43641A9187M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
B43640A2108M0 TDK-B43640A2108M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2128M0 TDK-B43640A2128M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2158M0 TDK-B43640A2158M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2188M0 TDK-B43640A2188M0 Datasheet
620Kb / 20P
   Snap-in capacitors
More results

Similar Description - B43641A9187M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com