Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43644A2128M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43644A2128M0
Description  Snap-in capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43644A2128M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43644A2128M0 Datasheet HTML 7Page - TDK Electronics B43644A2128M0 Datasheet HTML 8Page - TDK Electronics B43644A2128M0 Datasheet HTML 9Page - TDK Electronics B43644A2128M0 Datasheet HTML 10Page - TDK Electronics B43644A2128M0 Datasheet HTML 11Page - TDK Electronics B43644A2128M0 Datasheet HTML 12Page - TDK Electronics B43644A2128M0 Datasheet HTML 13Page - TDK Electronics B43644A2128M0 Datasheet HTML 14Page - TDK Electronics B43644A2128M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
100
22
× 25
870
230
1250
1.62
1.20
0.65
B43644A9107M0*#
120
22
× 30
730
190
1040
1.85
1.38
0.75
B43644A9127M0*#
120
25
× 25
730
200
1050
1.81
1.35
0.73
B43644B9127M0*#
150
22
× 35
580
160
840
2.21
1.64
0.89
B43644A9157M0*#
150
25
× 30
580
160
840
2.13
1.59
0.87
B43644B9157M0*#
180
22
× 40
480
130
700
2.56
1.90
1.03
B43644A9187M0*#
180
25
× 30
490
140
710
2.47
1.83
0.99
B43644B9187M0*#
180
30
× 25
500
150
730
2.39
1.78
0.97
B43644C9187M0*#
220
22
× 45
400
110
570
3.03
2.24
1.22
B43644A9227M0*#
220
25
× 35
400
110
580
2.88
2.14
1.16
B43644B9227M0*#
220
30
× 30
410
120
590
2.75
2.05
1.12
B43644C9227M0*#
270
22
× 50
320
90
470
3.60
2.66
1.44
B43644A9277M0*#
270
25
× 40
330
90
480
3.40
2.52
1.37
B43644B9277M0*#
270
30
× 30
340
110
500
3.19
2.37
1.28
B43644C9277M0*#
270
35
× 25
350
120
520
3.05
2.27
1.23
B43644D9277M0*#
330
25
× 50
270
75
390
4.00
2.97
1.61
B43644A9337M0*#
330
30
× 35
280
85
410
3.71
2.75
1.49
B43644B9337M0*#
330
35
× 30
290
100
420
3.54
2.64
1.52
B43644C9337M0*#
390
25
× 55
230
65
330
4.60
3.41
1.85
B43644A9397M0*#
390
30
× 40
230
70
340
4.22
3.14
1.81
B43644B9397M0*#
390
35
× 30
250
90
370
3.91
2.90
1.67
B43644C9397M0*#
470
30
× 45
200
60
290
4.89
3.63
2.09
B43644A9477M0*#
470
35
× 35
210
75
310
4.49
3.34
1.92
B43644B9477M0*#
560
30
× 50
170
55
240
5.63
4.18
2.41
B43644A9567M0*#
560
35
× 40
170
60
260
5.13
3.81
2.20
B43644B9567M0*#
680
35
× 45
140
55
220
5.92
4.40
2.53
B43644A9687M0*#
820
35
× 55
120
45
180
6.92
5.15
2.97
B43644A9827M0*#
B43644
Ultra compact, long useful life
105
°C
Page 11 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43644A2128M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43644 TDK-B43644 Datasheet
631Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43644A2128M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com