Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43640A2188M0 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43640A2188M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43640A2188M0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43640A2188M0 Datasheet HTML 6Page - TDK Electronics B43640A2188M0 Datasheet HTML 7Page - TDK Electronics B43640A2188M0 Datasheet HTML 8Page - TDK Electronics B43640A2188M0 Datasheet HTML 9Page - TDK Electronics B43640A2188M0 Datasheet HTML 10Page - TDK Electronics B43640A2188M0 Datasheet HTML 11Page - TDK Electronics B43640A2188M0 Datasheet HTML 12Page - TDK Electronics B43640A2188M0 Datasheet HTML 13Page - TDK Electronics B43640A2188M0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
270
22
× 25
260
90
360
2.58
1.92
0.97
B43640E2277M0*#
330
22
× 30
210
75
290
3.00
2.24
1.13
B43640E2337M0*#
390
22
× 35
180
60
250
3.43
2.56
1.30
B43640E2397M0*#
390
25
× 25
190
75
270
3.19
2.38
1.20
B43640F2397M0*#
470
22
× 35
150
55
210
3.95
2.93
1.48
B43640E2477M0*#
470
25
× 30
160
60
220
3.69
2.75
1.39
B43640F2477M0*#
560
22
× 40
130
45
180
4.55
3.38
1.71
B43640E2567M0*#
560
25
× 35
130
50
190
4.23
3.16
1.60
B43640F2567M0*#
560
30
× 25
150
75
220
3.73
2.78
1.40
B43640G2567M0*#
680
22
× 45
110
40
150
5.34
3.96
2.00
B43640E2687M0*#
680
25
× 40
110
40
160
4.93
3.67
1.86
B43640F2687M0*#
680
30
× 30
120
55
180
4.35
3.25
1.65
B43640G2687M0*#
820
25
× 45
90
36
130
5.71
4.25
2.15
B43640E2827M0*#
820
30
× 35
100
45
150
5.03
3.76
1.90
B43640F2827M0*#
820
35
× 25
130
80
190
4.19
3.12
1.57
B43640G2827M0*#
1000
25
× 50
75
30
110
6.68
4.96
2.51
B43640E2108M0*#
1000
30
× 40
85
40
120
5.83
4.35
2.35
B43640F2108M0*#
1000
35
× 30
100
60
150
4.95
3.69
1.99
B43640G2108M0*#
1200
30
× 45
70
34
100
6.68
4.98
2.68
B43640E2128M0*#
1200
35
× 35
85
50
130
5.71
4.26
2.29
B43640F2128M0*#
1500
30
× 50
60
30
85
7.81
5.82
3.12
B43640E2158M0*#
1500
35
× 40
70
40
110
6.62
4.94
2.65
B43640F2158M0*#
1800
35
× 45
60
36
90
7.52
5.61
3.01
B43640E2188M0*#
2200
35
× 50
50
32
80
8.60
6.40
3.43
B43640E2228M0*#
B43640
Ultra compact
105
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43640A2188M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
More results

Similar Description - B43640A2188M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com