Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4373A4189M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B4373A4189M0
Description  Capacitors with screw terminals
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4373A4189M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B4373A4189M0 Datasheet HTML 7Page - TDK Electronics B4373A4189M0 Datasheet HTML 8Page - TDK Electronics B4373A4189M0 Datasheet HTML 9Page - TDK Electronics B4373A4189M0 Datasheet HTML 10Page - TDK Electronics B4373A4189M0 Datasheet HTML 11Page - TDK Electronics B4373A4189M0 Datasheet HTML 12Page - TDK Electronics B4373A4189M0 Datasheet HTML 13Page - TDK Electronics B4373A4189M0 Datasheet HTML 14Page - TDK Electronics B4373A4189M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
0 = for capacitors with ring clip/clamp mounting
2 = for capacitors with threaded stud
00 = for standard capacitors
03 = for capacitors with low inductance (13 nH)
(only for d
≥ 64.3 mm and rated voltage
≤ 400 V DC)
07 = for heat sink mounting (only for d
≥ 64.3 mm
and without threaded stud)
50 = for terminals with PAPR style
(not for low inductance)
57 = for terminals with PAPR style and heat sink
mounting (only for d
≥ 64.3 mm and without
threaded stud, not for low inductance)
VR = 350 V DC
2200
51.6
× 80.7
34
15
50
13.8
7.63
B437*3A4228M0##
2700
51.6
× 96.7
28
12
40
16.0
8.84
B437*3A4278M0##
3300
51.6
× 105.7
24
10
34
18.1
9.97
B437*3A4338M0##
3300
64.3
× 80.7
24
10
34
18.8
10.3
B437*3B4338M0##
3900
51.6
× 118.2
20
9.1
30
20.2
11.1
B437*3A4398M0##
3900
64.3
× 96.7
19
8.1
28
21.2
11.7
B437*3B4398M0##
4700
64.3
× 96.7
17
7.8
26
23.0
12.6
B437*3A4478M0##
5600
64.3
× 118.2
14
6.2
20
26.3
14.5
B437*3A4568M0##
5600
76.9
× 96.7
13
5.5
19
29.4
16.1
B437*3B4568M0##
6800
64.3
× 130.7
12
5.6
18
29.6
16.3
B437*3A4688M0##
6800
76.9
× 105.7
11
4.8
16
32.8
18.0
B437*3B4688M0##
8200
76.9
× 118.2
9.4
4.1
14
36.7
20.2
B437*3A4828M0##
10000
76.9
× 130.7
7.9
3.6
12
41.2
22.7
B437*3A4109M0##
10000
90.0
× 120.0
7.5
3.2
11
45.0
25.7
B437*3B4109M0##
12000
76.9
× 156.2
6.6
3.0
10
46.8
25.7
B437*3A4129M0##
12000
90.0
× 144.5
6.2
2.6
9.4
50.4
28.8
B437*3B4129M0##
15000
76.9
× 190.7
5.3
2.5
8.4
54.6
31.2
B437*3A4159M0##
15000
90.0
× 144.5
5.3
2.5
8.4
56.6
32.3
B437*3B4159M0##
18000
76.9
× 220.7
4.5
2.1
7.4
62.0
35.4
B437*3A4189M0##
18000
90.0
× 170.0
4.4
2.1
7.4
63.6
36.3
B437*3B4189M0##
22000
90.0
× 197.0
3.7
1.8
6.6
72.4
41.3
B437*3A4229M0##
B43703, B43723
Extremely compact
85
°C
Page 11 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4373A4189M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4373A4189M0 TDK-B4373A4189M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
More results

Similar Description - B4373A4189M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com