Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4373B4189M0 Datasheet(PDF) 7 Page - TDK Electronics

Part # B4373B4189M0
Description  Capacitors with screw terminals
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4373B4189M0 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B4373B4189M0 Datasheet HTML 3Page - TDK Electronics B4373B4189M0 Datasheet HTML 4Page - TDK Electronics B4373B4189M0 Datasheet HTML 5Page - TDK Electronics B4373B4189M0 Datasheet HTML 6Page - TDK Electronics B4373B4189M0 Datasheet HTML 7Page - TDK Electronics B4373B4189M0 Datasheet HTML 8Page - TDK Electronics B4373B4189M0 Datasheet HTML 9Page - TDK Electronics B4373B4189M0 Datasheet HTML 10Page - TDK Electronics B4373B4189M0 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Special designs
Low-inductance design
PAPR terminal style
With our PAPR terminal style (Protection Against Polarity Reversal) we offer an optional
mechanical feature in addition to the visual polarity marking on the cover disk and the sleeve,
which prevents from mounting in reverse polarity. The non-circular shape of the terminals and
their arrangement perpendicular to each other enables the user to definitely prevent wrong
mounting with respect to polarity (Poka Yoke).
Dimensional drawing of PAPR terminal configuration
Dimensions for PAPR terminal style (mm)
Can diameter d
Terminal
d3
±0.1
d4
±0.1
a +0.2/ 0.4
Min. reach of screw
Standard
design
#050
For heat sink
mounting
#057
51.6
M5
10
13
22.2
9.5
64.3
M5
13
15
28.5
9.5
7.3
76.9
M6
13
15
31.7
12.0
9.7
90.0
M6
13
15
31.7
12.0
9.7
All other dimensions of the capacitor such as diameter d, case length l and overall length l1 are
identical with those of standard capacitors of this series. Please refer to the tables "Dimensions
and weights" (standard types) and "Dimensions and weights for heat sink mounting" (special
designs).
For heat sink mounting
Please refer to chapter "General technical information, 5.2.2 Base cooling with heat sink". This
version is available only for capacitors without threaded stud and for diameters
≥ 64.3 mm.
Regarding ripple current and useful life, please refer to chapter "General technical information,
5 Useful life".
B43703, B43723
Extremely compact
85
°C
Page 7 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4373B4189M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4373B4189M0 TDK-B4373B4189M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
More results

Similar Description - B4373B4189M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com