Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6140-TBQ Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA6140-TBQ
Description  TWO RELAY FLASHER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6140-TBQ Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA6140-TBQ Datasheet HTML 5Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 6Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 7Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 8Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 9Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 10Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 11Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 12Page - ATMEL Corporation ATA6140-TBQ Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
ATA6140
4560C–AUTO–10/03
Figure 11. Application 4: 24 V Version, Turn Signal Switches to Ignition, Hazard Switch to GND, additional LED Outage
Ign
Haz
Measure input
Batt
Battery sense
Output left
IC-Ground
TS1B
TS2B
right
left
LED outage
Output right
2 x
2.7k
Batt
10uF/63V
Ign to
IC-Ground
24V
Integrated
oscillator
POR
Logic
Power on and
5 V regulator
Current monitoring
and short circuit
protection
Charge
pump
Output
stages
Over-, undervoltage
and load dump
detection
Debounce
Debounce
Bias
current
Input
Comp
Comp
18k
18k
560Ohm/0.5W
TBD
2.7k
20k
20k
20k
Test pin, nc
Debounce
Input
Debounce
Input
Debounce
Input
Debounce
Input


Similar Part No. - ATA6140-TBQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6140-TBQY ATMEL-ATA6140-TBQY Datasheet
317Kb / 14P
   Two-relay Flasher
More results

Similar Description - ATA6140-TBQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6140 ATMEL-ATA6140_05 Datasheet
317Kb / 14P
   Two-relay Flasher
logo
Littelfuse
FB120A LITTELFUSE-FB120A Datasheet
220Kb / 2P
   Flasher & Incandescent Beacon Alarm Relay
Rev: 1-A-062316
logo
Freescale Semiconductor...
33288 FREESCALE-33288 Datasheet
315Kb / 15P
   Solid State Relay for Automotive Flasher Applications
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
   Solid State Relay for Automotive Flasher Applications
logo
Hongfa Technology
JA3501 HONGFA-JA3501 Datasheet
36Kb / 1P
   FLASHER
HF3506 HONGFA-HF3506 Datasheet
58Kb / 3P
   FLASHER
HF3501 HONGFA-HF3501 Datasheet
63Kb / 3P
   flasher
HF3506 HONGFA-HF3506 Datasheet
57Kb / 3P
   FLASHER
JA3501A HONGFA-JA3501A Datasheet
36Kb / 1P
   FLASHER
JA3508 HONGFA-JA3508 Datasheet
38Kb / 1P
   FLASHER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com