Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43640F2477M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43640F2477M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43640F2477M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43640F2477M0 Datasheet HTML 5Page - TDK Electronics B43640F2477M0 Datasheet HTML 6Page - TDK Electronics B43640F2477M0 Datasheet HTML 7Page - TDK Electronics B43640F2477M0 Datasheet HTML 8Page - TDK Electronics B43640F2477M0 Datasheet HTML 9Page - TDK Electronics B43640F2477M0 Datasheet HTML 10Page - TDK Electronics B43640F2477M0 Datasheet HTML 11Page - TDK Electronics B43640F2477M0 Datasheet HTML 12Page - TDK Electronics B43640F2477M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
390
22
× 25
230
80
330
3.01
2.23
1.13
B43640A2397M0*#
470
22
× 30
190
65
270
3.48
2.58
1.31
B43640A2477M0*#
470
25
× 25
190
75
280
3.26
2.42
1.23
B43640B2477M0*#
560
22
× 35
160
55
230
3.99
2.97
1.51
B43640A2567M0*#
560
25
× 30
160
60
230
3.74
2.79
1.42
B43640B2567M0*#
680
22
× 40
130
45
190
4.66
3.46
1.76
B43640A2687M0*#
680
25
× 30
140
55
200
4.24
3.15
1.59
B43640B2687M0*#
680
30
× 25
150
70
220
3.82
2.85
1.45
B43640C2687M0*#
820
22
× 45
110
38
160
5.42
4.02
2.04
B43640A2827M0*#
820
25
× 35
110
45
170
4.91
3.65
1.85
B43640B2827M0*#
820
30
× 30
120
55
180
4.45
3.33
1.69
B43640C2827M0*#
1000
22
× 50
90
32
130
6.36
4.71
2.39
B43640A2108M0*#
1000
25
× 40
95
38
140
5.73
4.25
2.15
B43640B2108M0*#
1000
30
× 30
110
55
160
4.87
3.63
1.83
B43640C2108M0*#
1000
35
× 25
130
75
190
4.27
3.19
1.61
B43640D2108M0*#
1200
25
× 45
80
32
120
6.61
4.90
2.48
B43640A2128M0*#
1200
30
× 35
90
45
140
5.63
4.20
2.12
B43640B2128M0*#
1200
35
× 30
100
55
150
5.03
3.76
2.03
B43640C2128M0*#
1500
25
× 55
65
26
95
7.99
5.93
3.00
B43640A2158M0*#
1500
30
× 40
70
36
110
6.61
4.92
2.65
B43640B2158M0*#
1500
35
× 30
95
60
150
5.37
4.00
2.14
B43640C2158M0*#
1800
30
× 45
60
32
95
7.56
5.62
3.02
B43640A2188M0*#
1800
35
× 35
75
50
120
6.21
4.63
2.48
B43640B2188M0*#
2200
30
× 55
50
24
75
9.00
6.70
3.60
B43640A2228M0*#
2200
35
× 40
65
40
100
7.15
5.33
2.86
B43640B2228M0*#
2700
35
× 50
50
30
75
8.65
6.45
3.47
B43640A2278M0*#
3300
35
× 55
45
28
70
9.80
7.29
3.91
B43640A2338M0*#
B43640
Ultra compact
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43640F2477M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
More results

Similar Description - B43640F2477M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com