Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2-1205D10A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS2-1205D10A3
Description  DC/DC-Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-1205D10A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS2-1205D10A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 4Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 5Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 6Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 7Page - RSG Electronic Components GmbH RS2-1205D10A3 Datasheet HTML 8Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (8)
RS2 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
VoltageRange
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RS2 -0303S10AX
2.97-3.3-3.63
28
399
3.3
303
76
220
RS2 -0305S10AX
2.97-3.3-3.63
22
389
5
200
78
220
RS2 -0309S10AX
2.97-3.3-3.63
35
379
9
111
80
220
RS2 -0315S10AX
2.97-3.3-3.63
30
389
15
67
78
220
RS2 -0318S10AX
2.97-3.3-3.63
30
415
18
56
73
220
RS2 -0324S10AX
2.97-3.3-3.63
30
415
24
42
73
220
RS2 -0503S10AX
4.5-5-5.5
15
256
3.3
303
78
220
RS2 -0505S10AX
4.5-5-5.5
17
247
5
200
81
220
RS2 -0507S10AX
4.5-5-5.5
16
247
7.2
139
81
220
RS2 -0509S10AX
4.5-5-5.5
15
244
9
111
82
220
RS2 -0512S10AX
4.5-5-5.5
17
253
12
83
79
220
RS2 -0515S10AX
4.5-5-5.5
17
233
15
67
86
220
RS2 -0518S10AX
4.5-5-5.5
16
241
18
56
83
220
RS2 -0524S10AX
4.5-5-5.5
20
244
24
42
82
220
RS2 -1203S10AX
10.8-12-13.2
12
111
3.3
303
75
220
RS2 -1205S10AX
10.8-12-13.2
14
105
5
200
79
220
RS2 -1207S10AX
10.8-12-13.2
14
111
7.2
139
75
220
RS2 -1209S10AX
10.8-12-13.2
9
104
9
111
80
220
RS2 -1212S10AX
10.8-12-13.2
13
105
12
83
79
220
RS2 -1215S10AX
10.8-12-13.2
10
102
15
67
82
220
RS2 -1218S10AX
10.8-12-13.2
11
103
18
56
81
220
RS2 -1224S10AX
10.8-12-13.2
20
110
24
42
76
220
RS2 -1503S10AX
13.5-15-16.5
10
83
3.3
303
80
220
RS2 -1505S10AX
13.5-15-16.5
7
82
5
200
81
220
RS2 -1507S10AX
13.5-15-16.5
10
85
7.2
139
78
220
RS2 -1509S10AX
13.5-15-16.5
10
85
9
111
78
220
RS2 -1512S10AX
13.5-15-16.5
8
83
12
83
80
220
RS2 -1515S10AX
13.5-15-16.5
12
84
15
67
79
220
RS2 -1518S10AX
13.5-15-16.5
10
83
18
56
80
220
RS2 -1524S10AX
13.5-15-16.5
5
80
24
42
83
220
RS2 -2403S10AX
21.6-24-26.4
8
56
3.3
303
74
220
RS2 -2405S10AX
21.6-24-26.4
6
54
5
200
77
220
RS2 -2409S10AX
21.6-24-26. 4
6
55
9
111
76
220
RS2 -2412S10AX
21.6-24-26. 4
6
53
12
83
78
220
RS2 -2415S10AX
21.6-24-26. 4
5
52
15
67
80
220
RS2 -2418S10AX
21.6-24-26. 4
5
51
18
56
82
220
RS2 -2424S10AX
21.6-24-26. 4
8
52
24
42
80
220
RS2 -4803S10AX
43.2-48-52. 8
5
29
3.3
303
73
220
RS2 -485S10AX
43.2-48-52. 8
5
29
5
200
73
220
RS2 -4807S10AX
43.2-48-52. 8
5
28
7.2
139
75
220
RS2 -4809S10AX
43.2-48-52. 8
5
27
9
111
76
220
RS2 -4812S10AX
43.2-48-52. 8
5
27
12
83
76
220
RS2 -4815S10AX
43.2-48-52. 8
5
27
15
67
77
220
RS2 -4818S10AX
43.2-48-52. 8
5
28
18
56
75
220
RS2 -4824S10AX
43.2-48-52. 8
6
27
24
42
76
220
Options: Type with A3= 3KVDC and A5 = 5.2KVDC and A6 = 6KVDC
DC/DC-Converter
1.0W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS2-1205D10A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-1205D10A3M RSG-RS2-1205D10A3M Datasheet
934Kb / 4P
   DC/DC-Converter
RS2-1205D10A3T RSG-RS2-1205D10A3T Datasheet
862Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS2-1205D10A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com