Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43641B0477M05 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43641B0477M05
Description  Snap-in capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43641B0477M05 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43641B0477M05 Datasheet HTML 5Page - TDK Electronics B43641B0477M05 Datasheet HTML 6Page - TDK Electronics B43641B0477M05 Datasheet HTML 7Page - TDK Electronics B43641B0477M05 Datasheet HTML 8Page - TDK Electronics B43641B0477M05 Datasheet HTML 9Page - TDK Electronics B43641B0477M05 Datasheet HTML 10Page - TDK Electronics B43641B0477M05 Datasheet HTML 11Page - TDK Electronics B43641B0477M05 Datasheet HTML 12Page - TDK Electronics B43641B0477M05 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =450VDC
120
22
× 25
910
240
1380
1.75
1.32
0.78
B43641A5127M05#
150
22
× 30
730
190
1110
2.09
1.57
0.93
B43641A5157M05#
150
25
× 25
740
200
1120
1.99
1.50
0.88
B43641B5157M05#
180
22
× 35
610
160
920
2.43
1.83
1.08
B43641A5187M05#
180
25
× 30
610
160
930
2.30
1.73
1.02
B43641B5187M05#
220
22
× 40
500
130
760
2.88
2.17
1.28
B43641A5227M05#
220
25
× 35
500
130
760
2.70
2.04
1.21
B43641B5227M05#
220
30
× 25
520
150
790
2.51
1.89
1.12
B43641C5227M05#
270
22
× 50
400
100
620
3.44
2.60
1.53
B43641A5277M05#
270
25
× 40
410
110
620
3.20
2.41
1.43
B43641B5277M05#
270
30
× 30
420
120
640
2.94
2.22
1.31
B43641C5277M05#
330
25
× 45
340
90
510
3.79
2.86
1.69
B43641A5337M05#
330
30
× 35
340
95
530
3.45
2.60
1.54
B43641B5337M05#
330
35
× 25
360
120
570
3.14
2.37
1.40
B43641C5337M05#
390
25
× 50
280
75
440
4.37
3.29
1.94
B43641A5397M05#
390
30
× 35
290
90
450
3.90
2.94
1.73
B43641B5397M05#
390
35
× 30
300
100
470
3.61
2.72
1.48
B43641C5397M05#
470
30
× 45
240
70
370
4.59
3.47
1.89
B43641A5477M05#
470
35
× 35
250
80
390
4.18
3.15
1.71
B43641B5477M05#
560
30
× 50
200
60
320
5.30
3.99
2.17
B43641A5567M05#
560
35
× 40
210
70
330
4.79
3.62
1.97
B43641B5567M05#
680
30
× 55
170
50
260
6.22
4.68
2.54
B43641A5687M05#
680
35
× 45
180
60
270
5.56
4.19
2.28
B43641B5687M05#
820
35
× 50
150
50
230
6.43
4.84
2.63
B43641A5827M05#
B43641
Ultra compact
105
°C
Preliminary Data
Page9of16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43641B0477M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
B43640A2108M0 TDK-B43640A2108M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2128M0 TDK-B43640A2128M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2158M0 TDK-B43640A2158M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2188M0 TDK-B43640A2188M0 Datasheet
620Kb / 20P
   Snap-in capacitors
More results

Similar Description - B43641B0477M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com