Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4374A6278M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B4374A6278M0
Description  Capacitors with screw terminals
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4374A6278M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B4374A6278M0 Datasheet HTML 7Page - TDK Electronics B4374A6278M0 Datasheet HTML 8Page - TDK Electronics B4374A6278M0 Datasheet HTML 9Page - TDK Electronics B4374A6278M0 Datasheet HTML 10Page - TDK Electronics B4374A6278M0 Datasheet HTML 11Page - TDK Electronics B4374A6278M0 Datasheet HTML 12Page - TDK Electronics B4374A6278M0 Datasheet HTML 13Page - TDK Electronics B4374A6278M0 Datasheet HTML 14Page - TDK Electronics B4374A6278M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
0 = for capacitors with ring clip/clamp mounting
2 = for capacitors with threaded stud
00 = for standard capacitors
07 = for heat sink mounting (only for d
≥ 64.3 mm
and without threaded stud)
50 = for terminals with PAPR style
57 = for terminals with PAPR style and heat sink
mounting (only for d
≥ 64.3 mm and without
threaded stud)
VR = 350 V DC
1800
51.6
× 80.7
36
13
50
14.8
8.69
B437*4A4188M0##
2200
51.6
× 96.7
30
10
40
17.4
10.2
B437*4A4228M0##
2700
51.6
× 96.7
24
8.9
34
19.8
11.5
B437*4A4278M0##
3300
51.6
× 118.2
20
7.2
28
22.9
13.4
B437*4A4338M0##
3300
64.3
× 80.7
20
7.9
28
22.7
13.2
B437*4B4338M0##
3900
51.6
× 130.7
17
6.3
24
25.8
15.0
B437*4A4398M0##
3900
64.3
× 96.7
17
6.5
24
25.4
14.8
B437*4B4398M0##
4700
64.3
× 105.7
15
5.7
20
28.6
16.7
B437*4A4478M0##
5600
64.3
× 118.2
12
4.9
17
32.1
18.7
B437*4A4568M0##
5600
76.9
× 96.7
13
5.2
18
33.0
19.2
B437*4B4568M0##
6800
64.3
× 143.2
10
4.1
14
36.9
21.5
B437*4A4688M0##
6800
76.9
× 105.7
11
4.6
15
36.9
21.5
B437*4B4688M0##
8200
76.9
× 118.2
8.8
3.9
13
41.5
24.2
B437*4A4828M0##
10000
76.9
× 143.2
7.2
3.2
11
47.6
27.8
B437*4A4109M0##
10000
90.0
× 120.0
7.1
3.1
11
50.7
30.5
B437*4B4109M0##
12000
76.9
× 168.7
6.1
2.7
9.0
53.9
32.5
B437*4A4129M0##
12000
90.0
× 144.5
5.9
2.5
8.8
56.9
34.4
B437*4B4129M0##
15000
76.9
× 190.7
5.0
2.4
7.8
62.7
37.8
B437*4A4159M0##
15000
90.0
× 170.0
4.8
2.1
7.4
65.4
39.5
B437*4B4159M0##
18000
90.0
× 197.0
4.0
1.8
6.6
73.4
44.3
B437*4A4189M0##
22000
90.0
× 221.0
3.4
1.6
6.0
80.0
50.5
B437*4A4229M0##
B43704, B43724
High ripple current
85
°C
Page 11 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4374A6278M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4374A9109M0 TDK-B4374A9109M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
B4374A9129M0 TDK-B4374A9129M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
B4374A9158M0 TDK-B4374A9158M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
B4374A9159M0 TDK-B4374A9159M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
B4374A9188M0 TDK-B4374A9188M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
More results

Similar Description - B4374A6278M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com