Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43634B9337M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43634B9337M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43634B9337M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43634B9337M0 Datasheet HTML 7Page - TDK Electronics B43634B9337M0 Datasheet HTML 8Page - TDK Electronics B43634B9337M0 Datasheet HTML 9Page - TDK Electronics B43634B9337M0 Datasheet HTML 10Page - TDK Electronics B43634B9337M0 Datasheet HTML 11Page - TDK Electronics B43634B9337M0 Datasheet HTML 12Page - TDK Electronics B43634B9337M0 Datasheet HTML 13Page - TDK Electronics B43634B9337M0 Datasheet HTML 14Page - TDK Electronics B43634B9337M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
100
22
× 25
1100
270
1700
1.53
0.86
B43634A9107M0*#
120
22
× 30
890
220
1400
1.74
0.98
B43634A9127M0*#
150
22
× 30
710
180
1100
2.03
1.14
B43634A9157M0*#
150
25
× 25
720
190
1100
2.02
1.13
B43634B9157M0*#
180
22
× 35
590
150
900
2.33
1.30
B43634A9187M0*#
180
25
× 30
600
160
910
2.30
1.29
B43634B9187M0*#
220
22
× 40
490
130
740
2.72
1.52
B43634A9227M0*#
220
25
× 35
490
130
740
2.66
1.49
B43634B9227M0*#
220
30
× 25
500
150
770
2.61
1.45
B43634C9227M0*#
270
22
× 45
400
100
600
3.19
1.78
B43634A9277M0*#
270
25
× 40
400
110
610
3.10
1.73
B43634B9277M0*#
270
30
× 30
410
120
620
3.02
1.69
B43634C9277M0*#
270
35
× 25
420
130
650
2.99
1.67
B43634D9277M0*#
330
25
× 45
330
90
500
3.60
2.02
B43634A9337M0*#
330
30
× 35
330
95
510
3.48
1.95
B43634B9337M0*#
330
35
× 25
360
120
560
3.25
1.81
B43634C9337M0*#
390
25
× 50
280
75
420
4.11
2.30
B43634A9397M0*#
390
30
× 35
290
85
440
3.83
2.14
B43634B9397M0*#
390
35
× 30
300
100
460
3.80
2.22
B43634C9397M0*#
470
25
× 55
230
65
350
4.74
2.65
B43634A9477M0*#
470
30
× 40
240
75
370
4.48
2.61
B43634B9477M0*#
470
35
× 35
250
80
380
4.35
2.54
B43634C9477M0*#
560
30
× 45
200
60
310
5.11
2.97
B43634A9567M0*#
560
35
× 35
210
75
330
4.72
2.75
B43634B9567M0*#
680
30
× 55
160
50
260
5.98
3.49
B43634A9687M0*#
680
35
× 40
180
65
280
5.40
3.15
B43634B9687M0*#
820
35
× 50
140
50
230
6.35
3.71
B43634A9827M0*#
1000
35
× 55
120
43
190
7.25
4.22
B43634A9108M0*#
B43634
Long useful life, ultra compact
85
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43634B9337M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634 Datasheet
619Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43634B9337M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com