Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43640C5277M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43640C5277M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43640C5277M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43640C5277M0 Datasheet HTML 7Page - TDK Electronics B43640C5277M0 Datasheet HTML 8Page - TDK Electronics B43640C5277M0 Datasheet HTML 9Page - TDK Electronics B43640C5277M0 Datasheet HTML 10Page - TDK Electronics B43640C5277M0 Datasheet HTML 11Page - TDK Electronics B43640C5277M0 Datasheet HTML 12Page - TDK Electronics B43640C5277M0 Datasheet HTML 13Page - TDK Electronics B43640C5277M0 Datasheet HTML 14Page - TDK Electronics B43640C5277M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
120
22
× 25
820
220
1210
1.72
1.28
0.65
B43640A9127M0*#
150
22
× 30
650
170
960
2.03
1.51
0.77
B43640A9157M0*#
150
25
× 25
660
180
980
1.98
1.47
0.75
B43640B9157M0*#
180
22
× 30
620
160
930
2.33
1.74
0.87
B43640E9187M0*#
180
25
× 25
620
170
950
2.25
1.68
0.84
B43640F9187M0*#
220
22
× 35
500
130
760
2.73
2.04
1.02
B43640E9227M0*#
220
25
× 30
450
130
670
2.64
1.96
1.00
B43640B9227M0*#
220
30
× 25
460
140
690
2.53
1.88
0.96
B43640C9227M0*#
270
22
× 40
410
110
620
3.23
2.41
1.20
B43640E9277M0*#
270
25
× 35
370
100
550
3.09
2.29
1.17
B43640B9277M0*#
270
30
× 25
430
130
660
2.87
2.15
1.08
B43640F9277M0*#
330
22
× 50
300
80
440
3.87
2.86
1.45
B43640A9337M0*#
330
25
× 40
300
85
450
3.64
2.69
1.37
B43640B9337M0*#
330
30
× 30
320
100
470
3.36
2.50
1.27
B43640C9337M0*#
330
35
× 25
330
120
500
3.18
2.37
1.20
B43640D9337M0*#
390
25
× 45
260
75
380
4.16
3.08
1.56
B43640A9397M0*#
390
30
× 35
270
85
400
3.82
2.84
1.44
B43640B9397M0*#
390
35
× 25
320
120
500
3.47
2.59
1.30
B43640E9397M0*#
470
25
× 50
210
60
320
4.87
3.60
1.82
B43640A9477M0*#
470
30
× 35
250
80
390
4.32
3.22
1.61
B43640E9477M0*#
470
35
× 30
240
90
360
4.02
2.99
1.61
B43640C9477M0*#
560
30
× 40
210
65
330
4.95
3.69
1.97
B43640E9567M0*#
560
35
× 35
200
75
300
4.60
3.42
1.85
B43640B9567M0*#
680
30
× 50
160
50
240
5.90
4.38
2.36
B43640A9687M0*#
680
35
× 40
160
60
250
5.30
3.94
2.13
B43640B9687M0*#
820
30
× 55
140
45
220
6.75
5.03
2.69
B43640E9827M0*#
820
35
× 45
140
55
210
6.09
4.52
2.44
B43640A9827M0*#
1000
35
× 50
120
45
180
7.05
5.23
2.81
B43640A9108M0*#
B43640
Ultra compact
105
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43640C5277M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
More results

Similar Description - B43640C5277M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com