Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43640C5337M0 Datasheet(PDF) 3 Page - TDK Electronics

Part # B43640C5337M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43640C5337M0 Datasheet(HTML) 3 Page - TDK Electronics

  B43640C5337M0 Datasheet HTML 1Page - TDK Electronics B43640C5337M0 Datasheet HTML 2Page - TDK Electronics B43640C5337M0 Datasheet HTML 3Page - TDK Electronics B43640C5337M0 Datasheet HTML 4Page - TDK Electronics B43640C5337M0 Datasheet HTML 5Page - TDK Electronics B43640C5337M0 Datasheet HTML 6Page - TDK Electronics B43640C5337M0 Datasheet HTML 7Page - TDK Electronics B43640C5337M0 Datasheet HTML 8Page - TDK Electronics B43640C5337M0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
200 ... 450 V DC
Surge voltage VS
1.15
VR (for VR
≤ 250 V DC)
1.10
VR (for VR
≥ 400 V DC)
Rated capacitance CR
82 ... 3300
µF
Capacitance tolerance
±20%
M
Dissipation factor tan
δ
VR
≤ 250 V DC: tan δ ≤ 0.15
(20
°C, 120 Hz)
VR
≥ 400 V DC: tan δ ≤ 0.20
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
Approx. 20 nH
Useful life1)
Requirements:
105
°C; V
R; IAC,R
> 2000 h
∆C/C
≤ 20% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
105
°C; V
R
2000 h
∆C/C
≤ 10% of initial value
tan
δ
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance
test
To IEC 60068-2-6, test Fc:
Frequency range 10 Hz ... 55 Hz, displacement amplitude 0.35 mm,
acceleration max. 5 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
Characteristics at low
temperature
Max. impedance
ratio at 100 Hz
VR
≤ 250 V
≥ 400 V
Z -25 °C / Z 20 °C
3
5
Z -40 °C / Z 20 °C
7
10
IEC climatic category
To IEC 60068-1:
40/105/56 ( 40
°C/+105 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-809
IEC 60384-4
B43640
Ultra compact
105
°C
Page 3 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43640C5337M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
More results

Similar Description - B43640C5337M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com