Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43642C5277M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43642C5277M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43642C5277M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43642C5277M0 Datasheet HTML 5Page - TDK Electronics B43642C5277M0 Datasheet HTML 6Page - TDK Electronics B43642C5277M0 Datasheet HTML 7Page - TDK Electronics B43642C5277M0 Datasheet HTML 8Page - TDK Electronics B43642C5277M0 Datasheet HTML 9Page - TDK Electronics B43642C5277M0 Datasheet HTML 10Page - TDK Electronics B43642C5277M0 Datasheet HTML 11Page - TDK Electronics B43642C5277M0 Datasheet HTML 12Page - TDK Electronics B43642C5277M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
390
22
× 25
200
75
280
3.27
2.43
1.21
B43642A2397M0*#
470
22
× 30
170
60
230
3.77
2.80
1.40
B43642A2477M0*#
470
25
× 25
180
70
250
3.59
2.67
1.33
B43642B2477M0*#
560
22
× 35
140
50
200
4.32
3.21
1.61
B43642A2567M0*#
560
25
× 30
140
55
200
4.13
3.08
1.54
B43642B2567M0*#
680
22
× 40
120
40
160
4.99
3.72
1.86
B43642A2687M0*#
680
25
× 30
120
50
180
4.56
3.39
1.69
B43642B2687M0*#
680
30
× 25
120
40
160
5.37
3.98
1.98
B43642C2687M0*#
820
22
× 45
95
36
140
5.75
4.28
2.14
B43642A2827M0*#
820
25
× 35
100
40
150
5.27
3.92
1.96
B43642B2827M0*#
820
30
× 30
95
34
130
6.19
4.59
2.29
B43642C2827M0*#
1000
22
× 50
80
30
120
6.68
4.96
2.48
B43642A2108M0*#
1000
25
× 40
85
36
120
6.10
4.53
2.26
B43642B2108M0*#
1000
30
× 30
80
30
120
6.83
5.06
2.52
B43642C2108M0*#
1000
35
× 25
85
36
120
6.61
4.90
2.44
B43642D2108M0*#
1200
25
× 45
70
30
110
6.98
5.18
2.59
B43642A2128M0*#
1200
30
× 35
65
24
95
7.82
5.79
2.89
B43642B2128M0*#
1200
35
× 30
70
28
100
7.69
5.70
3.03
B43642C2128M0*#
1500
25
× 55
55
24
85
8.38
6.23
3.11
B43642A2158M0*#
1500
30
× 40
55
20
75
9.12
6.76
3.59
B43642B2158M0*#
1500
35
× 35
55
22
80
8.93
6.62
3.52
B43642C2158M0*#
1800
30
× 45
45
17
65
10.3
7.70
4.09
B43642A2188M0*#
1800
35
× 35
50
22
70
9.58
7.09
3.77
B43642B2188M0*#
2200
30
× 55
36
14
55
12.2
9.05
4.82
B43642A2228M0*#
2200
35
× 45
38
16
55
11.4
8.52
4.54
B43642B2228M0*#
2700
35
× 50
32
14
50
13.0
9.69
5.16
B43642A2278M0*#
3300
35
× 55
28
12
40
14.8
11.0
5.85
B43642A2338M0*#
B43642
Ultra compact, high ripple current
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43642C5277M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43642 TDK-B43642 Datasheet
622Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43642C5277M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com