Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6155FVM Datasheet(PDF) 4 Page - Rohm

Part # BD6155FVM
Description  DC/DC converter for LCD back light
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6155FVM Datasheet(HTML) 4 Page - Rohm

  BD6155FVM Datasheet HTML 1Page - Rohm BD6155FVM Datasheet HTML 2Page - Rohm BD6155FVM Datasheet HTML 3Page - Rohm BD6155FVM Datasheet HTML 4Page - Rohm BD6155FVM Datasheet HTML 5Page - Rohm BD6155FVM Datasheet HTML 6Page - Rohm BD6155FVM Datasheet HTML 7Page - Rohm BD6155FVM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BD6155FVM
Communication ICs
4/7
!
!
!
!
Circuit operation
1) Charge pump driver
Charge pump is consisted capacitor pin (pin7), external schotky diodes and capacitors.
Output voltage at no loading is 2VBAT-2VF. (VF is as same as schotky’s VF )
Output voltage at loading is referred Fig2. As standard example, however it depends on external components.
VBAT
Shotky diodes
RB521-S30
Charge pump output
LED
1
µF
C (Pin7)
1
µF
20
40
0
60
80
100
15
3
0
6
9
12
OUTPUT LOAD :
(mA)
Fig.2 Charge pump loading characteristics
(Typical operating characteristics)
VBAT=2.9V
VBAT=3.6V
VBAT=5.5V
2) Fixed current driver
LED driver fixed current is determined by resistor value between LEDS pin (pin4) and GND.
At current control set up voltage1 (Current1, 2=High) resistor value between LEDS-GND is set as 2.7
Ω.
205mV
÷ 2.7Ω = 75.9mA
(2 expressions)
The above current is loaded to LED as fixied current.
LED
LED (5Pin)
+
LEDS (4Pin)
RSENSE
CURRENT1
CURRENT2
• LED drive current fix example
LEDS pin voltage
(mV)
LED drive current (mA)
RSENSE=2.7
Ω RSENSE=5.1Ω
105.0
38.9
20.6
Current control setup voltage 1 (Current 1=High Current 2=High)
Current control setup voltage 2 (Current 1=Low Current 2=High)
Current control setup voltage 3 (Current 1=High Current 2=Low)
Current control setup voltage 4 (Current 1=Low Current 2=Low)
205.0
40.2
75.9
57.4
155.0
30.4
55.0
10.8
20.4
The less RSENSE, the bigger fixed current for LED drive.
Resistors value should be determined with confirmation of charge pump loading characteristics (Fig.2) and LED's I-V characteristics.


Similar Part No. - BD6155FVM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD615 SIEMENS-BD615 Datasheet
121Kb / 4P
   NPN SILICON EPIBASE TRANSISTORS
BD615 SIEMENS-BD615 Datasheet
127Kb / 4P
   PNP SILICON EPIBASE TRANSISTORS
logo
Pan Jit International I...
BD6150CS PANJIT-BD6150CS Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD6150CS ZSELEC-BD6150CS Datasheet
146Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BD6150CT PANJIT-BD6150CT Datasheet
46Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD6155FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5313A ROHM-BP5313A Datasheet
63Kb / 5P
   DC / DC converter for LCD
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
   DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
   Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
   Multi-Channel DC-DC Converter for LCD Panel
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
   Multi-Channel DC-DC Converter for LCD Panels
logo
ABCO ELECTRONICS CO.LTD
LPF3010T-4R7M ABCO-LPF3010T-4R7M Datasheet
468Kb / 1P
   Mobile phone, Desk top PC,Note PC, Back Light,HDD, DC-DC converter
logo
Mitsumi Electronics, Co...
CT-SERIES MITSUMI-CT-SERIES Datasheet
132Kb / 2P
   Step Up DC/DC Converter Transformers for Strobe Light
logo
Global Mixed-mode Techn...
G5529 GMT-G5529 Datasheet
105Kb / 1P
   Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com