Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744844101 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744844101
Description  WE-ExB Common Mode Power Line Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744844101 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744844101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744844101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744844101 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744844101 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744844101 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.0
REV
2015-02-16
DATE
SSt
BY
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-ExB Common Mode Power Line Choke
Order.- No.
744844101
SIZE
A4
Size: Type L
A Dimensions: [mm]
B Recommended hole pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
DC Resistance
Rated voltage
Insulation test voltage
Test conditions
10 kHz/ 0.1 mA
@ 70°C
@ 20°C
50 Hz
50 Hz/ 5 mA/ 2 sec.
L
IR
RDC
UR
UT
Value
2x 100
14
2x 6
250
1500
Unit
µH
A
V (AC)
V (AC)
Tol.
±50%
max.
max.
max.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
•Storage Temperature: -20°C to 60°C
•Operating Temperature: -40°C to 125°C
•Temperature Rise: < 55K
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744844101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744844102 WURTH-744844102 Datasheet
920Kb / 5P
   WE-ExB Common Mode Power Line Choke
More results

Similar Description - 744844101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744844221 WURTH-744844221 Datasheet
909Kb / 5P
   WE-ExB Common Mode Power Line Choke
744844102 WURTH-744844102 Datasheet
920Kb / 5P
   WE-ExB Common Mode Power Line Choke
744844471 WURTH-744844471 Datasheet
914Kb / 5P
   WE-ExB Common Mode Power Line Choke
744844470 WURTH-744844470 Datasheet
902Kb / 5P
   WE-ExB Common Mode Power Line Choke
744831020133 WURTH-744831020133 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744862100 WURTH-744862100 Datasheet
376Kb / 5P
   WE-TFC Common Mode Power Line Choke
7448680140 WURTH-7448680140 Datasheet
454Kb / 5P
   WE-LPCC Common Mode Power Line Choke
744869161683 WURTH-744869161683 Datasheet
882Kb / 8P
   WE-FCLP Common Mode Power Line Choke
001.000
744824801 WURTH-744824801 Datasheet
1Mb / 6P
   WE-CMB Common Mode Power Line Choke
001.001
744824405 WURTH-744824405 Datasheet
1Mb / 6P
   WE-CMB Common Mode Power Line Choke
002.001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com