Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226DCN2R7SKJD Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 226DCN2R7SKJD
Description  Very fast charge/discharge ??High power density ??IEC 62391
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226DCN2R7SKJD Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  226DCN2R7SKJD Datasheet HTML 1Page - Illinois Capacitor, Inc. 226DCN2R7SKJD Datasheet HTML 2Page - Illinois Capacitor, Inc. 226DCN2R7SKJD Datasheet HTML 3Page - Illinois Capacitor, Inc. 226DCN2R7SKJD Datasheet HTML 4Page - Illinois Capacitor, Inc. 226DCN2R7SKJD Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Capacitance = 500F to 650F
5.5 Volt units
Capacitance
(F)
Dims
(LxHxT)
(mm)
+1.0mm
Lead spacing
S
(mm)
+/-0.5mm
Lead
diameter
d
(mm)
1
17x19.5x9
12.3
0.6
1.5
17.5x23.5x9
10.5
0.6
2
21.5X23.5X11
10.5
0.6
2.5
21.5X23.5X11
10.5
0.6


Similar Part No. - 226DCN2R7SKJD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226DCN2R7SKJD ILLINOISCAPACITOR-226DCN2R7SKJD Datasheet
128Kb / 1P
   Supercapacitor
More results

Similar Description - 226DCN2R7SKJD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
105DCN2R7S ILLINOISCAPACITOR-105DCN2R7S Datasheet
247Kb / 3P
   Very fast charge/discharge High power density IEC 62391 compliant
DER ILLINOISCAPACITOR-DER Datasheet
224Kb / 4P
   High Capacitance ??Very fast charge/discharge ??High power density
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
   high speed charge-discharge
logo
SHENZHEN FUMAN ELECTRON...
XPM6320 FUMAN-XPM6320 Datasheet
990Kb / 19P
   20W fast charge and discharge fully integrated power management chip
XPM6329 FUMAN-XPM6329 Datasheet
967Kb / 18P
   Multi-protocol fast charge and discharge fully integrated power management chip
logo
Shenzhen Huazhimei Semi...
HM5914 HMSEMI-HM5914 Datasheet
597Kb / 7P
   Synchronous charge and discharge mobile power SOC
logo
Shenzhen Tianyuan Semic...
SP4522 TPOWER-SP4522 Datasheet
278Kb / 6P
   Synchronous charge and discharge mobile power SOC
logo
Shenzhen Huazhimei Semi...
HM5807 HMSEMI-HM5807 Datasheet
567Kb / 6P
   Synchronous charge and discharge mobile power SOC
logo
Shenzhen Tianyuan Semic...
SP4502 TPOWER-SP4502 Datasheet
580Kb / 7P
   Synchronous charge and discharge mobile power SOC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com