Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

306DCB700K2J Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 306DCB700K2J
Description  Small size - High voltage - General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

306DCB700K2J Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  306DCB700K2J Datasheet HTML 1Page - Illinois Capacitor, Inc. 306DCB700K2J Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
Inverters DC link AC/DC motor controls Solar inverters
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 20°C
+5% optional
WVDC
450
700
900
1100
Surge Voltage
SVDC
560
875
1125
1375
Repetitive Surge Voltage
1.15*WVDC (30 minutes MAXIMUM per day)
C<20
μF
20
μF<C<50μF
50
μF<C<75μF
C>75
μF
Dissipation Factor
1 kHz, +25C
.2%
.3%
.37%
.45%
Insulation Resistance
@ 20°C (<70% RH) for 1 minute
at 100VDC applied
3000 Megohm x microfarad
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
Terminal to Terminal
Terminal to Case
Dielectric Strength
150% of VDC applied between
terminals for 10 Seconds and 25°C
3kVAC applied between terminals and
case for 60 Seconds and 25°C
Life Expectancy
>100,000 for WVDC at 70°C
Failure Quota
300/1 x 10
9 component hours
Construction
Metallized polypropylene film
Coating
Flame retardant plastic box with epoxy end fill (UL94V-0)
Lead Terminations
Lead free tinned copper leads (RoHS compliant)
Lead Lengths (LL)
2 leaded capacitors: 5mm+/-1.0 mm
4 leaded capacitors: 5.5 mm +/-1.5 mm
25 mm +/-5 mm (Optional)


Similar Part No. - 306DCB700K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
306DCB700K2J ILLINOISCAPACITOR-306DCB700K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
306DCB700K2J ILLINOISCAPACITOR-306DCB700K2J Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - 306DCB700K2J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com