Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K22-NH-E-OK Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # K22-NH-E-OK
Description  SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

K22-NH-E-OK Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  K22-NH-E-OK Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD K22-NH-E-OK Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD K22-NH-E-OK Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
K22 THRU K210
http://www.dgniuhang.com
SCHOTTKY RECTIFIERS
Page: 1 of 3
Rev.:AA
SOD-123FL
VOLTAGE
20 THRU 100 Volts
2.0 Ampers
CURRENT
Unit:(mm)
FEATURES
MECHANICAL DATA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
TA=25°C(UNLESS OTHERWISE NOTED)
(TA=25°C(UNLESS OTHERWISE NOTED)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375
(9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC SOD-123FL molded plastic body
Terminals: Solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0007 ounce, 0.02 grams
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
UNITS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
20
14
20
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
40.0
0.65
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
CJ
TJ
TSTG
80
Storage temperature range
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
70
49
70
90
63
90
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
pF
C
mA
C
-65 to +150
-65 to +125
-65 to +150
10.0
5.0
0.45
0.85
220
K22
K23
K24
K25
K26
K27
K28
K29
K210
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
1
2
Cathode
Anode


Similar Part No. - K22-NH-E-OK

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
K22 JINGHENG-K22 Datasheet
71Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
K22 SAMYANG-K22 Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
logo
List of Unclassifed Man...
K220 ETC1-K220 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Energizer
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
   Contractor Flashlight
logo
Dongguan City Niuhang E...
K220 NIUHANG-K220 Datasheet
2Mb / 3P
   HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
More results

Similar Description - K22-NH-E-OK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com