Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20U80CT-NH-OK Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # MBR20U80CT-NH-OK
Description  SUPER LOW VF SCHOTTKY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

MBR20U80CT-NH-OK Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  MBR20U80CT-NH-OK Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD MBR20U80CT-NH-OK Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD MBR20U80CT-NH-OK Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD MBR20U80CT-NH-OK Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD MBR20U80CT-NH-OK Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 2 of 4
Date:2014/10/20
Rev.:AA
RATINGANDCHARACTERISTICCURVES
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.4 TYPICAL JUNCTION CAPACITANCE
Fig.3 TYPICAL REVERSE CHARACTERISTICS
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT
AMBIENT TEMPERATURE,( C)
FORWARD VOLTAGE,(V)
FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,(V)
0
20
40
60
80
100
120
150
0
4
8
12
16
20
24
140
RESISTIVE OR INDUCTIVE LOAD
MBR20U80CT
MBR20U80CD
MBR20U80FCT
0.01
0.1
1
50
10
0
0.1
0.2
0.3
0.4
0.5
0.8
0.7
0.6
TJ=125℃
PULSE WIDTH=300 S
1% DUTY CYCLE
5
TJ=100℃
TJ=25℃
0.01
0.1
10
1
100
200
20
0
40
60
80
100
TJ=25℃
TJ=100℃
TJ=125℃
0.1
1
10
100
100
4000
1000
0
50
100
150
200
250
300
1
10
100
TJ=TJMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
Thermal Characteristcs
MBR20U80CT
3.Thermal resistance from junction to case
Typical thermal resistance
R JC
2.2
/W
3 )
4.0
Parameter
Symbol
Unit
2.2
MBR20U80FCT
MBR20U80CD
MBR20U80CT,MBR20U80FCT,MBR20U80CD
SUPER LOW VF SCHOTTKY RECTIFIERS


Similar Part No. - MBR20U80CT-NH-OK

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
MBR20U80CT-FCT-CD-NH-OK NIUHANG-MBR20U80CT-FCT-CD-NH-OK Datasheet
3Mb / 4P
   SUPER LOW VF SCHOTTKY RECTIFIERS
MBR20U80CT-FCT-OK NIUHANG-MBR20U80CT-FCT-OK Datasheet
3Mb / 4P
   SUPER LOW VF SCHOTTKY RECTIFIERS
More results

Similar Description - MBR20U80CT-NH-OK

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
MBR30U45CT NIUHANG-MBR30U45CT Datasheet
2Mb / 3P
   SUPER LOW VF SCHOTTKY RECTIFIERS
MCR20300CT NIUHANG-MCR20300CT Datasheet
6Mb / 4P
   SUPER LOW VF SCHOTTKY RECTIFIERS
SS540SL-NH-OK NIUHANG-SS540SL-NH-OK Datasheet
3Mb / 4P
   SUPER LOW VF SCHOTTKY RECTIFIERS
SL510BF NIUHANG-SL510BF Datasheet
328Kb / 3P
   SUPER LOW VF SCHOTTKY RECTIFIERS
MBR20U80CT-FCT-CD-NH-OK NIUHANG-MBR20U80CT-FCT-CD-NH-OK Datasheet
3Mb / 4P
   SUPER LOW VF SCHOTTKY RECTIFIERS
logo
Jinan Jing Heng Electro...
SR540SL JINGHENG-SR540SL Datasheet
66Kb / 3P
   SUPER LOW VF SCHOTTKY RECTIFIERS
logo
Dongguan City Niuhang E...
MBR10U80CT NIUHANG-MBR10U80CT Datasheet
383Kb / 3P
   SUPER LOW VF SCHOTTKY RECTIFIERS
SS54L NIUHANG-SS54L Datasheet
322Kb / 3P
   SUPER LOW VF SCHOTTKY RECTIFIERS
SR5100SL-NH-OK NIUHANG-SR5100SL-NH-OK Datasheet
3Mb / 5P
   SUPER LOW VF SCHOTTKY RECTIFIERS
SR10100SL NIUHANG-SR10100SL Datasheet
5Mb / 5P
   SUPER LOW VF SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com